Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8086S Datasheet(Fiches technique) 1 Page - Panasonic Semiconductor

Numéro de pièce AN8086S
Description  Low Voltage Operation IC for DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
ICs for CD/CD-ROM Player
s Overview
The AN8086S is an IC for controlling a DC-DC converter
suitable for the switching power supply of various
portable equipment. It can operate with input voltage
1.1V or more. The AN8086S is based on AN8083S with
the output voltage in the secondary side changed to 3.6V.
s Features
Operatable with low voltage input (PVCC>1.1V)
Decreased voltage detection circuit built-in
Short-circuit protection feature built-in
Provided with reset output
Synchronizable with outside clock
Low consumption current in stand-by mode
AN8086S
Low Voltage Operation IC for DC-DC Converter
0.3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Unit : mm
6.5
±0.3
4.2
±0.3
16-lead SOP package (SOP016-P-0225A)
15
13
16
14
7
1
2
3
4
5
6
VCC
PVCC
10
12
9
8
11
Power
Off
63k
+
GND
0.725V
30k
2.0V
4.8V
2.7V
→ 2.5V
2.2V
0.25V
0.85V
VREF
+
+
+
RESET
EMP
VSEN
IN
FB
SPRO
DED
OUT
START
CT
VREF
POWER
CLK
Starter
Triangular
Wave
Switching
Circuit
Starter SW
Early Value Set.
+
+
+
s Block Diagram




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8083SLow Voltage Operation IC for DC-DC Converter 1 2 3 4 5 Panasonic Semiconductor
M62216FPLow Voltage Operation STEP-UP DC-DC Converter 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
RC5054AProgrammable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
LM3670Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits 1 2 3 4 5 MoreNational Semiconductor (TI)
MN32071024-Stage Low Voltage Operation Low Noise BBD for Analog Signal Delays 1 2 3 4 5 Panasonic Semiconductor
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
SC1630LOW VOLTAGE MULTI-MODE DC-DC CONVERTER 1 2 3 4 5 MoreSemtech Corporation
MN3304512-Stage Ultra Low Voltage Operation BBD for Audio Signals 1 2 3 4 5 Panasonic Semiconductor
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
NCP1526400 mA 1.2 V High−Efficiency Step−Down Converter with Low Noise Voltage Regulator Optimized for RF Module 1 2 3 4 5 MoreON Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl