Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8049FHN Datasheet(Fiches technique) 2 Page - Panasonic Semiconductor

Numéro de pièce AN8049FHN
Description  1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
Télécharger  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 2 page
background image
AN8049FHN
Voltage Regulators
2
s Pin Descriptions
Pin No.
Description
1
DT2
2
DT1
3
CTL3
4
CTL2
5
CTL1
6
Off
7VREF
8
RB2
9
RB1
10
OUT1
11
OUT2
12
GND
Pin No.
Description
13
OUT3
14
VCC
15
OSC
16
IN
+3
17
IN
−3
18
FB3
19
IN
−2
20
FB2
21
IN
−1
22
FB1
23
S.C.P.
24
DT3
s Block Diagram
20 k
1.26 V
CTL3
DT3
IN
−3 17
IN
+3
FB3
18
S.C.P.
RB1
OUT1
OUT3
RB2
OUT2
GND
23
16
3
24
1.26 V
Error
amplifier 3
1.26 V
1.26 V
1.1 mA
1.1 mA
1.1 mA
0.9 V
Error
amplifier 1
Error
amplifier 2
VREF
VCC
50 k
VCC
On/off
control
Reference voltage
supply VREF
Triangular wave generator
0.7 V
0.3 V
1.26 V
(Allowance:
±1%)
S.C.P. comp.
Latch
U.V.L.O.
R
S
Q
1.26 V
1.26 V
20 k
PWM2
PWM3
PWM1
VREF
50 k
50 k
9
10
VCC
11
8
13
12




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl