Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8049FHN Datasheet(Fiches technique) 3 Page - Panasonic Semiconductor

Numéro de pièce AN8049FHN
Description  1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
Télécharger  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 3 page
background image
Voltage Regulators
AN8049FHN
3
Note) *1: Ta = 85°C. For the independent IC without a heat sink.
*2: When VCC is less than 6 V, VIN−1 and VIN+2 must be VCC.
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
14.2
V
Off pin allowable application voltage
VOFF
14.2
V
Error amplifier input allowable
VIN
VCC
V
application voltage *2
OUT1 and OUT2 pin output
ISO(OUT)
−50
mA
source current
OUT3 pin output current
ISI(OUT)
+50
mA
Power dissipation *1
PD
111
mW
Operating temperature
Topr
−30 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Off pin application voltage
VOFF
0 to 14
V
OUT1 and OUT2 pin output source current
ISO(OUT)
−40 (min.)
mA
OUT3 pin output current
ISI(OUT)
40 (max.)
mA
Timing resistance
RT
3 to 33
kW
Timing capacitance
CT
100 to 1 000
pF
Oscillator frequency
fOUT
20 to 1 000
kHz
Short-circuit protection time-constant setting capacitance
CSCP
1 000 (min.)
pF
Output current setting resistance
RB
750 to 15 000




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl