Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESDA05C-4 Fiches technique(PDF) 2 Page - Protek Devices

No de pièce ESDA05C-4
Description  LOW CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESDA05C-4 Fiches technique(HTML) 2 Page - Protek Devices

  ESDA05C-4 Datasheet HTML 1Page - Protek Devices ESDA05C-4 Datasheet HTML 2Page - Protek Devices ESDA05C-4 Datasheet HTML 3Page - Protek Devices ESDA05C-4 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05197.R0 4/05
ESDA05C-4
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
80
Watts
Note 1:
Bidirectional Only: Test between pins 2 to 1, 2 to 6, 2 to 5, 2 to 4 and 2 to 3 Electrical characteristics apply in both directions.
Note 2:
Bidirectional Only: Capacitance measured between pins 1, 3, 4, 5, and 6 to 2.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
TYPICAL
CAPACITANCE
(See Note 2)
@0V, 1 MHz
C
pF
ESDA05C-4
6.1
15
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ED4


Numéro de pièce similaire - ESDA05C-4

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
ESDA05C-4 PROTEC-ESDA05C-4 Datasheet
75Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Shanghai Leiditech Elec...
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
logo
Protek Devices
ESDA05C-4 PROTEC-ESDA05C-4_11 Datasheet
471Kb / 6P
   LOW CAPACITANCE TVS ARRAY
ESDA05C-4 PROTEC-ESDA05C-4_12 Datasheet
475Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results

Description similaire - ESDA05C-4

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com