Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8018SA Datasheet(Fiches technique) 24 Page - Panasonic Semiconductor

Numéro de pièce AN8018SA
Description  1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
Télécharger  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 24 page
background image
24
AN8018SA
Voltage Regulators
0.01
µF
to 0.1
µF
SW
0.1
µF
0.01
µF
0.01
µF
0.01
µF
10
µF
10
µF
MA3X720
(MA720*)
MA3X720
(MA720*)
2SD0602
(2SD602*)
AN8018SA
100
µH
200
µH
0.1
µF
0.1
µF
12 k
68 k
1 k
1 k
68 k
6.2 k
82 k
68 k
1 k
200
51 k
51 k
510
150 k
13 k
GND
GND
22 k
Input 5 V
Output 2
+15 V, 50 mA
Output 1
−8 V, 10 mA
330 pF
10
µF
s Application Circuit Examples (continued)
• Application circuit example 1 (Input 5 V, output 15 V/−8 V)
Note) *: Former part number
• Application circuit example 2 (Input 2.5 V to 6.5 V, output 5 V/12 V)
0.01
µF
to 0.1
µF
0.01
µF
0.01
µF
0.01
µF
200
µF
100
µF
10
µH
10
µH
0.1
µF
0.1
µF
10
µF
0.1
µF
H
L
12 k
68 k
1 k
1 k
68 k
82 k
9.1 k
50 k
39 k
68 k
1 k
560
750
110 k
12
51 k
Output 2
+12 V
Output 1
+5 V
330 pF
Input
AN8018SA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl