Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8018SA Datasheet(Fiches technique) 10 Page - Panasonic Semiconductor

Numéro de pièce AN8018SA
Description  1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
Télécharger  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 10 page
background image
10
AN8018SA
Voltage Regulators
700
582
100
135
200
233
300
400
338
500
600
0
0
25
85
125
50
75
100
Independent IC
without a heat sink
Rth( j−a) = 295.6°C/W
Glass epoxy board
(50
× 50 × t0.8 mm3)
Rth(j−a) = 171.8°C/W
Ambient temperature T
a (°C)
s Usage Notes (continued)
[4] (continued)
VCC ripple allowable range
0.1
100
1.5
1
0.3
0.5
0
V
CC ripple width (V[p-p])
0.5
1
2
10
Recommended
operating range
s Application Notes
[1] PD  Ta curves of SSOP016-P-0225A
PD  Ta
1.185
1.195
−30
T
a (°C)
1.190
−10
10
30
50
70
90
10k
1M
1k
10k
100k
R
T (Ω)
100k
C
T = 100 pF
C
T = 330 pF
C
T = 0.01 µF
[2] Main characteristics
VREF temperature characteristics
Frequency characteristics




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl