Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8018SA Datasheet(Fiches technique) 26 Page - Panasonic Semiconductor

Numéro de pièce AN8018SA
Description  1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
Télécharger  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 26 page
background image
26
AN8018SA
Voltage Regulators
s Application Circuit Examples (continued)
• Application circuit example 4 (Circuit using the AN8017SA/AN8018SA) Input 1.8 V to 3.2 V
Remote on/off
control pin
−10 V, 5 V, 18 V
stop with high-level
input.
Input voltage range: 1.8 V to 3.2 V
Oscillation frequency: 450 kHz
0.1
µF
0.1
µF
10
µF
10
µF
10
µF
0.1
µF
0.1
µF
1.19 V
330 pF
68 k
5.1 k
10 k
0.1
µF
10 k
75 k
300
68 k
22 k
2SD0874
(2SD874*)
2SB1440
AN8018SA
39 k
5 V (STBY)
300 mA
(max.)
−10 V
10 mA
(max.)
12 k
10
µH
820
MA2Q738
(MA738*)
MA2Q738
(MA738*)
MA2Q738
(MA738 *)
MA2Q738
(MA738*)
75 k
47 k
22 k
1.5 k
0.1
µF
0.1
µF
0.1
µF
0.1
µF
1.19 V
68 k
820
10 k
0.1
µF
10 k
68 k
56 k
22 k
2SD0602
(2SD602*)
2SD0602
(2SD602*)
AN8017SA
51 k
5 V
140 mA
(max.)
18 V
35 mA
(max.)
15 k
10
µH
68
µH
820
10
µF
56 k
3.9 k
18
µH
Note) *: Former part number




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl