Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN8017SA Fiches technique(PDF) 11 Page - Panasonic Semiconductor

No de pièce AN8017SA
Description  1.8-volt 2-channel step-up DC-DC converter control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8017SA Fiches technique(HTML) 11 Page - Panasonic Semiconductor

Back Button AN8017SA Datasheet HTML 7Page - Panasonic Semiconductor AN8017SA Datasheet HTML 8Page - Panasonic Semiconductor AN8017SA Datasheet HTML 9Page - Panasonic Semiconductor AN8017SA Datasheet HTML 10Page - Panasonic Semiconductor AN8017SA Datasheet HTML 11Page - Panasonic Semiconductor AN8017SA Datasheet HTML 12Page - Panasonic Semiconductor AN8017SA Datasheet HTML 13Page - Panasonic Semiconductor AN8017SA Datasheet HTML 14Page - Panasonic Semiconductor AN8017SA Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Voltage Regulators
AN8017SA
11
700
582
100
135
200
233
300
400
338
500
600
0
0
25
85
125
Ambient temperature T
a (°C)
50
75
100
Independent IC
without a heat sink
Rth(j−a) = 295.6°C/W
Glass epoxy board
(50
× 50 × t0.8 mm3)
Rth(j−a) = 171.8°C/W
s Application Notes
[1] PD  Ta curves of SSOP016-P-0225A
PD  Ta
[2] Main characteristics
VREF temperature characteristics
Frequency characteristics
1.185
1.195
−30
T
a (°C)
1.190
−10
10
30
50
70
90
10k
1M
1k
10k
100k
R
T (Ω)
100k
CT = 100 pF
CT = 330 pF
CT = 0.01 µF


Numéro de pièce similaire - AN8017SA

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results

Description similaire - AN8017SA

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8016NSH PANASONIC-AN8016NSH Datasheet
134Kb / 17P
   Single-channel 1.8-volt step-up DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8049FHN PANASONIC-AN8049FHN Datasheet
170Kb / 23P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049SH PANASONIC-AN8049SH Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
   Step-up DC-DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
   Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com