Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN8016NSH Fiches technique(PDF) 16 Page - Panasonic Semiconductor

No de pièce AN8016NSH
Description  Single-channel 1.8-volt step-up DC-DC converter control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8016NSH Fiches technique(HTML) 16 Page - Panasonic Semiconductor

Back Button AN8016NSH Datasheet HTML 9Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 10Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 11Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 12Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 13Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 14Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 15Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 16Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AN8016NSH
Voltage Regulators
17
s Application Circuit Examples
[1] Application circuit (Step-up circuit)
The figure shows a step-up circuit that converts a 3 V input to a 5 V output.
The AN8016NSH output stage has a totem pole circuit configuration, and can directly drive an n-channel
MOSFET while minimizes switching loss and increasing efficiency. In this case, replace the npn transistor with an
n-channel MOSFET in above circuit.
[2] Notes on direct n-channel MOSFET drive
1. Select an n-channel MOSFET with a low input
capacitance.
The AN8016NSH was designed to drive bipolar
transistors, and adopts a circuit structure that can pro-
vide a constant-current (50 mA maximum) output
source current. Furthermore, it has a sink current ca-
pacity of about 50 mA. This means that designs must
be concerned about increased power dissipation due
to increased rise and fall times. If problems occur, an
inverter may be inserted as shown in figure 1 to pro-
vide amplification.
2. Use an n-channel MOSFET of a low gate threshold
voltage.
Since the AN8016NSH Out pin high-level output
voltage is VCC − 1.0 V (minimum), a low VT MOSFET
with an adequately low on-resistance must be used.
Also, if a large VGS is required, one solution is to use
a transformer as shown in figure 2, and apply a volt-
age of twice the input voltage to the IC's VCC pin.
AN8016NSH
2SD2408
SBD
MA2Q738 (MA738
∗)
1 k
0.1
µF
6.8 k
20 k
390
12 k
333 pF
330 pF
103 pF
1
µF
47
µH
1.5 V
10
µF
Q1
VIN
3 V
VOUT
5 V
200 mA
Note)
∗: Former part number
SBD
VIN
Figure 1. Output boosting circuit
Figure 2. Gate drive voltage boosting technique
Out
VOUT
6
SBD
VIN
VCC
VOUT
VCC ≈ 2 × VIN − VD
SBD
Out
6
5


Numéro de pièce similaire - AN8016NSH

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results

Description similaire - AN8016NSH

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8017SA PANASONIC-AN8017SA Datasheet
205Kb / 25P
   1.8-volt 2-channel step-up DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8049FHN PANASONIC-AN8049FHN Datasheet
170Kb / 23P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049SH PANASONIC-AN8049SH Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
   Step-up DC-DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
   Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com