Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8015SH Datasheet(Fiches technique) 2 Page - Panasonic Semiconductor

Numéro de pièce AN8015SH
Description  Single-channel step-down, step-up, or inverting use DC-DC converter control IC
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 2 page
background image
2
AN8015SH
Voltage Regulators
s Pin Descriptions
Pin No.
Symbol
Description
1
CT
Pin for connecting oscillator timing capacitor
2
RT
Pin for connecting oscillator timing resistor
3
S.C.P.
Pin for connecting the time constant setting capacitor for short-circuit protection
4
GND
Grounding pin
5
Out
Open collector type output pin
6VCC
Power supply voltage application pin
7VREF
Reference voltage output pin
8IN
+
Error amplifier noninverted input pin
9IN
Error amplifier inverted input pin
10
FB
Output pin of error amplifier
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
35
V
IN
− terminal allowable application voltage
VIN−
− 0.3 to V
REF
IN
+ terminal allowable application voltage
VIN+
− 0.3 to V
REF
Output terminal allowable application voltage
VOUT
35
Collector output current
IOUT
100
mA
Power dissipation *
PD
154
mW
Operating ambient temperature *
Topr
−30 to +85
°C
Storage temperature *
Tstg
−55 to +150
°C
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Error amplifier input voltage
VIN
− 0.1 to 0.8
V
Collector output voltage
VOUT
34 (maximum)
V
Collector output current
IOUT
50 (maximum)
mA
Timing capacitance
CT
100 to 27 000
pF
Timing resistance
RT
5.6 to 15
k
Oscillation frequency
fOUT
2 to 500
kHz
Reference voltage output current
IRE
−3 to 0
mA
Soft start short-circuit protection time
CSCP
1 000 (minimum)
pF
constant setting capacitance
Note) *: Expect for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for Ta = 25°C.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl