Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8015SH Datasheet(Fiches technique) 6 Page - Panasonic Semiconductor

Numéro de pièce AN8015SH
Description  Single-channel step-down, step-up, or inverting use DC-DC converter control IC
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 6 page
background image
6
AN8015SH
Voltage Regulators
s Application Notes
[1] Main characteristics
Reference voltage temperature characteristics
Maximum duty ratio temperature characteristics
Oscillation frequency temperature characteristics
Timing capacitance
 Oscillation frequency
Maximum duty ratio
 Oscillation frequency
2.45
−40
−20
100
Ambient temperature T
a (°C)
2.46
2.47
2.48
2.49
2.50
80
60
40
20
0
VCC = 12 V
IREF = −1 mA
89.0
−40
−20
100
Ambient temperature T
a (°C)
89.5
90.0
90.5
91.0
80
60
40
20
0
VCC = 12 V
CT = 200 pF
RT = 15 kΩ
180
−40
−20
100
Ambient temperature T
a (°C)
185
190
195
200
80
60
40
20
0
VCC = 12 V
CT = 200 pF
RT = 15 kΩ
1 k
1 M
100 k
10 k
100 000
10 000
1 000
100
Timing capacitance C
T (pF)
VCC = 12 V
Ta = 25°C
R
T = 5.6 kΩ
R
T = 10 kΩ
R
T = 15 kΩ
10k
100k
1M
70
100
90
80
Oscillation frequency f
OUT (Hz)
VCC = 12 V
Ta = 25°C
R
T = 5.6 kΩ
R
T = 15 kΩ
10k
100k
1M
0
1.4
0.2
Oscillation frequency f
OUT (Hz)
0.4
0.6
0.8
1.0
1.2
VCC = 12 V
RT = 15 kΩ
Ta = 25°C
Oscillation frequency
 Triangular wave maximum
amplitude voltage




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl