Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2252-XXXGA Fiches technique(PDF) 3 Page - OKI electronic componets

No de pièce ML2252-XXXGA
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

ML2252-XXXGA Fiches technique(HTML) 3 Page - OKI electronic componets

  ML2252-XXXGA Datasheet HTML 1Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 2Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 3Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 4Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 5Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 6Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 7Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 8Page - OKI electronic componets ML2252-XXXGA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
3/36
FEATURES
Maximum playback time length (sec) (In 4-bit ADPCM2)
Type
ROM capacity
FSAM = 4.0 kHzFSAM = 6.4 kHzFSAM = 8.0 kHzFSAM = 16 kHz FSAM = 32 kHz
ML2251
512 Kbit
31.7
19.8
15.8
7.9
3.9
ML2252
1 Mbit
64.5
40.3
32.2
16.1
8.0
ML2253
3 Mbit
195.5
122.2
97.7
48.8
24.4
ML2254
4 Mbit
261.1
163.2
130.5
65.2
32.6
ML22Q54
4 Mbit
261.1
163.2
130.5
65.2
32.6
ML2256
6 Mbit
392.1
245.1
196.0
98.0
49.0
ML22Q58
8 Mbit
522.2
326.4
261.0
130.4
65.2
Non-linear 8-bit PCM, 8-bit PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms
Serial input/parallel input selectable
Phrase control table function i.e., user definable phrase control table function
2 channels mixing function
Master clock frequency:
4.096 MHz
Sampling frequency:
4.0 kHz, 5.3 kHz, 6.0kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.0kHz,
12.8 kHz, 16.0 kHz, 21.3 kHz, 24.0kHz, 25.6 kHz, 32.0 kHz,
42.7 kHz, 48 kHz
Maximum number of phrases:
256 phrases
Sound volume adjustment function built in (2 sounds independently adjustable in 29 steps)
External voice data can be input
14-bit D/A converter built in
Built-in low-pass filter:
Digital filter
Package:
44-pin plastic QFP
(QFP44-P-910-0.80-2K)
(ML2251-XXXGA/ ML2252-XXXGA/ ML2253-XXXGA/
ML2254-XXXGA /ML2256-XXXGA / ML22Q54GA/ML22Q58GA)
33-pin W-CSP
(P-VFLGA33-5.03X5.78-0.80-W)
(ML2253-XXXHB/ ML2254-XXXHB)
(ML2256-XXXHB)


Numéro de pièce similaire - ML2252-XXXGA

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
OKI electronic componet...
ML2252 OKI-ML2252 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2252BCP MICRO-LINEAR-ML2252BCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252BCQ MICRO-LINEAR-ML2252BCQ Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252CCP MICRO-LINEAR-ML2252CCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
More results

Description similaire - ML2252-XXXGA

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com