Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8014S Datasheet(Fiches technique) 4 Page - Panasonic Semiconductor

Numéro de pièce AN8014S
Description  Step-down, step-up, or inverting DC-DC converter control IC
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 4 page
background image
AN8014S
Voltage regulators
4
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Limit
Unit
Reference voltage block
Output voltage temperature
VTC1
Ta = −30°C to +25°C
±1%
characteristics 1
Output voltage temperature
VTC2
Ta = 25°C to 85°C
±1%
characteristics 2
Output short-circuit current
IOS
−40
mA
Error amplifier block
Output sink current
ISINK
VFB = 0.9 V
8
mA
Output source current
ISOURCE VFB = 0.9 V
−110
µA
Open-loop gain
AG
70
dB
Output block
Frequency supply voltage
fdV
fOUT = 200 kHz,
±3%
characteristics
VCC = 3.6 V to 34 V
Frequency temperature
fdT1
fOUT = 200 kHz,
±9%
characteristics 1
Ta = −30°C to +25°C
Frequency temperature
fdT2
fOUT = 200 kHz,
±9%
characteristics 2
Ta = 25°C to 85°C
Oscillator block
RT pin voltage
VRT
0.4
V
Short-circuit protection circuit block
Comparator threshold voltage
VTHL
1.87
V
Overcurrent protection circuit block
Delay time
tDLY
200
ns
s Electrical Characteristics at VCC = 12 V, Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Whole device
Total consumption current
ICC

5.0
7.0
mA
Standby current
ICC(SB)

5
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl