Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8013SH Datasheet(Fiches technique) 2 Page - Panasonic Semiconductor

Numéro de pièce AN8013SH
Description  Single-channel step-up or step-down DC-DC converter control IC
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 2 page
background image
AN8013SH
Voltage Regulators
2
s Absolute Maximum Ratings at T
a = 25°C
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
35
V
CLM pin allowable application voltage
VCLM
35
V
Error amplifier allowable input voltage
VIN−
−0.3 to +2.5
V
DTC pin allowable input voltage
VDTC
2.5
V
Out pin allowable application voltage
VOUT
35
V
Collector output current
IOUT
100
mA
Power dissipation (Ta = 85°C)
PD
154
mW
Operating ambient temperature
Topr
−30 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
s Recommended Operating Range at Ta = 25°C
Parameter
Symbol
Min
Max
Unit
Supply voltage rise time (0 to 3.6 V)
tr (VCC)10
µs
Collector output voltage
VOUT
34
V
Collector output current
IOUT
50
mA
Timing capacitance
CT
100
1 800
pF
Timing resistance
RT
5.1
15
k
Oscillator frequency
fOUT
20
500
kHz
Short-circuit protection time constant setting
CSCP
1 000
pF
capacitor
s Block Diagram
IN
FB
Error amp.
S.C.P. comp.
1.90 V
S
R
Latch
S
R
Latch
V
REF
OSC
R
S
Q
U.V.L.O.
V
REF
V
REF
R
T
V
REF
R
T
0.75 V
0.75 V
0.1 V
8
9
7
6
PWM
GND
Out




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl