Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8013SH Datasheet(Fiches technique) 1 Page - Panasonic Semiconductor

Numéro de pièce AN8013SH
Description  Single-channel step-up or step-down DC-DC converter control IC
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 1 page
background image
Voltage Regulators
1
AN8013SH
Single-channel step-up or step-down
DC-DC converter control IC
s Overview
The AN8013SH is a single-channel PWM DC-DC
converter control IC. This IC implements DC-DC con-
verters that provide a single arbitrary output voltage that
is either a stepped-up or stepped-down level. It features a
wide operating supply voltage range, low power, and a
built-in overcurrent protection circuit to protect the
switching transistor from damage or destruction. The
AN8013SH is provided in a 0.5 mm pitch 10-pin surface
mounting package and is optimal for use in miniature
high-efficiency portable power supplies.
s Features
• Wide operating supply voltage range (3.6 V to 34 V)
• Small consumption current (2.4 mA typical)
• Supports control over a wide output frequency range:
20 kHz to 500 kHz.
• Built-in pulse-by-pulse overcurrent protection circuit
(Detection voltage: VCC − 100 mV)
• Built-in timer latch short-circuit protection circuit
(charge current 1.3
µA typical)
• Incorporating the under-voltage lock-out (U.V.L.O.) circuit
• Built-in reference voltage circuit (Error amplifier reference input: 0.75 V (allowance: ±4%))
• Output block is open-collector (darlington) type.
• High absolute maximum rating of output current (100 mA)
• Duty ratio with small sample-to-sample variations (55% ± 5%).
• Adopts a 0.5-mm lead pitch 10-pin small outline package
s Applications
• Switching mode power supply units (in portable equipment and other applications)
SSOP010-P-0225
Unit: mm
4.3
±0.30
6.3
±0.30
0.5
±0.2
1
5
10
6
s Pin Descriptions
1
2
3
4
5
10
9
8
7
6
CLM
RT
CT
S.C.P.
DTC
V
CC
Out
GND
IN
FB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl