Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8013SH Datasheet(Fiches technique) 3 Page - Panasonic Semiconductor

Numéro de pièce AN8013SH
Description  Single-channel step-up or step-down DC-DC converter control IC
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 3 page
background image
Voltage Regulators
AN8013SH
3
s Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
U.V.L.O. block
Circuit operation start voltage
VUON
2.8
3.1
3.4
V
Hysteresis width
VHYS
100
200
300
mV
Error amplifier block
Input threshold voltage
VTH
Voltage follower
0.72
0.75
0.78
mV
Line regulation with input fluctuation
Vdv
Voltage follower,
28
mV
VCC = 3.6 V to 34 V
Input bias current
IB
−500
−25
nA
High-level output voltage
VEH
2.0

V
Low-level output voltage
VEL

0.3
V
Input threshold voltage temperature
Vdt1
Voltage follower,
±1
%
characteristics 1
Ta =
−30°C to +25°C
Input threshold voltage temperature
Vdt2
Voltage follower,
±1
%
characteristics 2
Ta =
−25°C to +85°C
Output sink current
ISINK
VFB = 0.9 V
8
mA
Output source current
ISOURCE VFB = 0.9 V
−120
µA
Open-loop gain
AV
70
dB
PWM Comparator Block
Input threshold voltage: high
VDT-H
Duty: 100%
1.2

V
Input threshold voltage: low
VDT-L
Duty: 0%

0.6
V
Input current
IDTC
−12
−11
−10
A
Output block
Oscillation frequency
fOUT
RT = 15 kΩ, CT = 150 pF
185
205
225
kHz
Output duty
Du
RDTC = 91 kΩ
50
55
60
%
Output saturation voltage
VOL
IO = 50 mA, RT = 15 kΩ
0.9
1.2
V
Output leak current
ILEAK
VCC = 34 V, when output Tr is off

10
µA
RT pin voltage
VRT
0.59
V
Maximum oscillation frequency
fOUT(max) RT = 5.1 kΩ, CT = 120 pF
500
kHz
Frequency supply voltage
fdV
fOUT = 200 kHz,
±1
%
characteristics
VCC = 3.6 V to 34 V
Frequency temperature
fdT1
fOUT = 200 kHz,
±3
%
characteristics 1
Ta = −30°C to +25°C
Frequency temperature
fdT2
fOUT = 200 kHz,
±3
%
characteristics 2
Ta = 25°C to 85°C
Note) At V
CC = 12 V, RT = 15 kΩ, CT = 15 pF, unless otherwise specified.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl