Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AN8011S Datasheet(Fiches technique) 1 Page - Panasonic Semiconductor

Numéro de pièce AN8011S
Description  2-channel step-down, step-up, or inverting use DC-DC converter control IC
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

 
 1 page
background image
Voltage Regulators
1
AN8011S
2-channel step-down, step-up, or inverting use
DC-DC converter control IC
s Overview
The AN8011S is a DC-DC converter control IC
with two-channel output using the PWM method
which allows 500 kHz high-speed control.
Respecitve output operation can be completely
synchronized with each other by using the same
oscillation output.
s Features
• PWM control frequency of 500 kHz is available.
• Wide operating supply voltage range
(VCC = 3.6 V to 34 V)
• Built-in 2-channel of open collector type for out-
put (A single-channel is also usable for inverted
amplification type)
• Each output can be stopped independently by the
external control .
• Built-in on/off function for the operation/stop of IC Incorporating circuit for short-circuit portection and under-
voltage lock-out (U.V.L.O.)
• The latch circuit is externally controllable.
• Low consumption current (during operation: 5 mA, during standby: 2 µA)
s Applications
• LCD displays, digital still cameras, and PDAs
s Block Diagram
Unit: mm
SOP016-P-0225A
0.3
(0
° to 10°)
10.1±0.3
18
16
9
1.27
(0.605)
Seating plane
Seating plane
0.40±0.25
V
REF
U.V.L.O.
OSC
Latch
On/
Off
Unlatch pro.
Unlatch pro.
Short pro.
Error amp.
Error amp.
PWM1
PWM2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ34063A1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl