Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ML671000 Datasheet(Fiches technique) 11 Page - OKI electronic componets

Numéro de pièce ML671000
Description  OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo 

 11 page
background image
FEDL671000-02
1Semiconductor
ML671000
11/25
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rated value
Unit
Supply voltage
V
DD
−0.3 to +4.6
Input voltage
V
IN
−0.3 to V
DD +0.3
V
Output current
I
O
12
mA
Power dissipation
P
D
V
DD
GND = 0 V
Ta = 25
°C
1W
Storage temperature
T
STG
–55 to
+150
°C
RECOMMENDED OPERATING CONDITIONS
(GND = 0 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
V
DD
3.0
3.3
3.6
Storage holding voltage
V
DDH
f
C = 0 Hz
2.0
3.6
V
Operating frequency
f
C
V
DD = 3.0 to 3.6
4
24
MHz
Ambient temperature
Ta
−10
25
+70
°C
Input Clock Conditions
Connecting a crystal oscillator
PLLEN Pin
Input frequency
Operating frequency (f
C)
“H” Level
6 to 12 MHz
12 to 24 MHz
“L” Level
4 to 12 MHz
4 to 12 MHz
Using an external clock supply
PLLEN Pin
Input frequency
Operating frequency (f
C)
“H” Level
6 to 12 MHz
12 to 24 MHz
“L” Level
4 to 48 MHz
4 to 24 MHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
Z86U18USB Device Controller with CMOS Z86K15 MCU 1 2 3 4 5 MoreZilog, Inc.
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ST22T064-ASmartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller 1 2 3 4 5 MoreSTMicroelectronics
M306V0MESINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
C167CR-16F16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 1 2 3 4 5 MoreSiemens Semiconductor Group
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
TC94A23FSingle-chip CD Processor with Built-in Controller 1 2 3 4 5 MoreToshiba Semiconductor
P87LPC779CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
IN87C51NCMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY 1 2 Integral Corp.
AT89C5130A-M8-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl