Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ML671000 Datasheet(Fiches technique) 8 Page - OKI electronic componets

Numéro de pièce ML671000
Description  OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo 

 8 page
background image
FEDL671000-02
1Semiconductor
ML671000
8/25
OVERVIEW OF INTERNAL PERIPHERAL FUNCTIONS
I/O Ports
The 64 I/O ports are configured from the 8-bit ports P0 to P7. Each bit of each port can be specified as an input
or output. If specified as an input, the port becomes a high impedance input. In addition to their port function
(primary function), some ports are assigned secondary functions such as an external interface function or an
I/O pin for an internal peripheral.
Timers
The timers consist of a 2-channel 16-bit flexible timer and a 2-channel 16-bit general-purpose timer. A count
clock can be selected for each channel.
-
Flexible timer
Operating modes: auto-reload timer, compare-output, PWM, capture
-
General-purpose timer
Auto-reload timer
-
Synchronous timer operation
Timer channel can be started and stopped in union.
-
Count clock
A count clock can be selected for each timer as: 1/1, 1/2, 1/4, 1/8, 1/16, and 1/32 of the system clock,
or as an external clock.
Time Base Generator
The time base generator consists of the time base counter, which drives frequency dividers deriving the time
base signals for on-chip peripherals from the system clock signals, and a watchdog timer, which counts time
base clock cycles and produces a system reset signal when its internal counter overflows.
UART Serial Port
Functionally the same as the 16550A, the UART serial port is equipped with 16-byte FIFOs for both receive
and transmit, modem control signals, a dedicated baud rate generator, etc.
-
Full duplex operation
-
Independent controls for transmit, receive, line status and data set interrupt
-
Modem control signals: CTS, DSR, DCD, DTR, RTS and RI
-
Built-in dedicated baud rate generator
-
Data length:5, 6, 7, or 8 bits
-
Stop bit:
1, 1.5, or 2 bits
-
Parity:
odd, even, or none
-
Detection of receive errors: parity error, framing error, overrun error, or data error of break interrupt




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
Z86U18USB Device Controller with CMOS Z86K15 MCU 1 2 3 4 5 MoreZilog, Inc.
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ST22T064-ASmartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller 1 2 3 4 5 MoreSTMicroelectronics
M306V0MESINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
C167CR-16F16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 1 2 3 4 5 MoreSiemens Semiconductor Group
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
TC94A23FSingle-chip CD Processor with Built-in Controller 1 2 3 4 5 MoreToshiba Semiconductor
P87LPC779CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
IN87C51NCMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY 1 2 Integral Corp.
AT89C5130A-M8-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl