Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ML671000 Datasheet(Fiches technique) 6 Page - OKI electronic componets

Numéro de pièce ML671000
Description  OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo 

 6 page
background image
FEDL671000-02
1Semiconductor
ML671000
6/25
PIN DESCRIPTION (2)
Classification
Pin Name
I/O
Function
Description
I/O
Primary
Bit 7 of port 2
P2.7/nEIR7
I
Secondary
External interrupt request 7 input pin
I/O
Primary
Bit 6 of port 2
P2.6/nEIR6
I
Secondary
External interrupt request 6 input pin
I/O
Primary
Bit 5 of port 2
P2.5/nEIR5
I
Secondary
External interrupt request 5 input pin
I/O
Primary
Bit 4 of port 2
P2.4/nEIR4
I
Secondary
External interrupt request 4 input pin
I/O
Primary
Bit 3 of port 2
P2.3/nEIR3
I
Secondary
External interrupt request 3 input pin
I/O
Primary
Bit 2 of port 2
P2.2/nEIR2
I
Secondary
External interrupt request 2 input pin
I/O
Primary
Bit 1 of port 2
P2.1/nEIR1
I
Secondary
External interrupt request 1 input pin
I/O
Primary
Bit 0 of port 2
P2.0/nEIR0
I
Secondary
External interrupt request 0 input pin
I/O
Primary
Bit 7 of port 3
P3.7/TMCLK3
I
Secondary
External clock input pin for timer 3
I/O
Primary
Bit 6 of port 3
P3.6/TMCLK2
I
Secondary
External clock input pin for timer 2
I/O
Primary
Bit 5 of port 3
P3.5/TMCLK1
I
Secondary
External clock input pin for timer 1
I/O
Primary
Bit 4 of port 3
P3.4/TMCLK0
I
Secondary
External clock input pin for timer 0
I/O
Primary
Bit 3 of port 3
P3.3/
TMIN1/
TMOUT1
I/O
Secondary
If timer 1 is set to the compare-output or PWM modes, this pin is an
output.
If set to the capture mode, this pin is an input.
I/O
Primary
Bit 2 of port 3
P3.2/
TMIN1/
TMOUT0
I/O
Secondary
If timer 0 is set to the compare-output or PWM modes, this pin is an
output.
If set to the capture mode, this pin is an input.
P3.1
I/O
Bit 1 of port 3
P3.0
I/O
Bit 0 of port 3
I/O
Primary
Bit 7 of port 4
P4.7/SOUT
O
Secondary
Serial data output pin for UART serial port
I/O
Primary
Bit 6 of port 4
P4.6/SIN
I
Secondary
Serial data input pin for UART serial port
I/O
Primary
Bit 5 of port 4
P4.5/TXD
O
Secondary
Transmit data output pin for UART/synchronous serial port
I/O
Primary
Bit 4 of port 4
P4.4/RXD
I
Secondary
Receive data input pin for UART/synchronous serial port
Primary
Bit 3 of port 4
P4.3/TXC
I/O
Secondary
Transmit clock I/O pin for UART/synchronous serial port
Primary
Bit 2 of port 4
P4.2/RXC
I/O
Secondary
Receive clock I/O pin for UART/synchronous serial port
P4.1
I/O
Bit 1 of port 4
I/O Ports
P4.0
I/O
Bit 0 of port 4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
Z86U18USB Device Controller with CMOS Z86K15 MCU 1 2 3 4 5 MoreZilog, Inc.
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ST22T064-ASmartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller 1 2 3 4 5 MoreSTMicroelectronics
M306V0MESINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
C167CR-16F16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 1 2 3 4 5 MoreSiemens Semiconductor Group
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
TC94A23FSingle-chip CD Processor with Built-in Controller 1 2 3 4 5 MoreToshiba Semiconductor
P87LPC779CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
IN87C51NCMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY 1 2 Integral Corp.
AT89C5130A-M8-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl