Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ML671000 Datasheet(Fiches technique) 3 Page - OKI electronic componets

Numéro de pièce ML671000
Description  OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo 

 
 3 page
background image
FEDL671000-02
1Semiconductor
ML671000
3/25
BLOCK DIAGRAM
ARM7DTMI
RAM
Interrupt
Controller
Time Base
Generator
Flexible Timer/
Auto-reload Timer
UART Port
Serial Port
USB Device Controller
PLL
2-channel
DMAC
Internal Bus/External Memory Controller
I/O Port
Asterisks indicate pins with secondary functions.
XA[15:1]
XA0/nLB
nCS0
nRD
nWRE/nWRL
P0[7:0]/XA[23:16]
XD[15:0]
P1.7/nXWAIT
P1.6/nCS1
P1.5/nHB/nWRH
P1.4/nRAS1
P1.3/nWH/nCASH
P1.2/nRAS0
P1.1/nCAS/nCASL
P1.0/nWL/nWE
P6.7/nBACK
P6.6/nBREQ
nEFIQ
P2[7:0]/nEIR[7:0]
P3.7/TMCLK3
P3.6/TMCLK2
P3.5/TMCLK1
P3.4/TMCLK0
P3.3/TMIN1/TMOUT1
P3.2/TMIN0/TMOUT0
D +
D
P4.7/SOUT
P4.6/ SIN
P4.5/TXD0
P4.4/RXD0
P4.3/ TXC
P4.2/ RXC
P6.5/DACK1
P6.4/DACK0
P6.3/nDREQ1
P6.2/nDREQ0
nRST
nEA
DBSEL
TEST
VDD
VSS
OSC0
OSC1
CLKOUT
PLLEN
TCK
TMS
nTRST
TDI
TDO
P5.7/ DTR
P5.6/ RTS
P5.5/ CTS
P5.4/ DSR
P5.3/ DCD
P5.2/ RI
P5.1/OUT1
P5.0/OUT2
nR/W
OSCVDD
OSCVSS
32-bit Core Address Bus
32-bit Core Address Bus
(two each)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
Z86U18USB Device Controller with CMOS Z86K15 MCU 1 2 3 4 5 MoreZilog, Inc.
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ST22T064-ASmartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller 1 2 3 4 5 MoreSTMicroelectronics
M306V0MESINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
C167CR-16F16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 1 2 3 4 5 MoreSiemens Semiconductor Group
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
TC94A23FSingle-chip CD Processor with Built-in Controller 1 2 3 4 5 MoreToshiba Semiconductor
P87LPC779CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
IN87C51NCMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY 1 2 Integral Corp.
AT89C5130A-M8-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl