Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IZ8005 Fiches technique(PDF) 5 Page - Integral Corp.

No de pièce IZ8005
Description  CLINICAL THERMOMETER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ8005 Fiches technique(HTML) 5 Page - Integral Corp.

  IZ8005 Datasheet HTML 1Page - Integral Corp. IZ8005 Datasheet HTML 2Page - Integral Corp. IZ8005 Datasheet HTML 3Page - Integral Corp. IZ8005 Datasheet HTML 4Page - Integral Corp. IZ8005 Datasheet HTML 5Page - Integral Corp. IZ8005 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IZ8005
5
l. When beep sound is on for 4 sec, the temperature is not measured.
When “Power OFF” type standby current is 0.3 mkA.
The frequency of the buzzer is 4kHz or 8kHz by pin option.
Fever alarm is pin option.
Measurement to 0.01 degree at °C.
Sensor use 503ET.
Reference resistor is the value (sensor in 37.00°C)
The low battery and “M” flag cannot display when the temperature shows Hi or Lo.
When battery voltage is low, the battery mark “N” flashes at a speed of 1Hz and the
measurement may not be accurate. The low voltage detect: 1.35V ± 0.05V.
During the process of mass production, in order to adjust the reference resistance (RF), let test 2
be floating, the measured temperature will be the actual temperature of the measured environment. It can be
up or down, not always the higher one.
Flow Chart


Numéro de pièce similaire - IZ8005

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IZ8016 INTEGRAL-IZ8016 Datasheet
130Kb / 4P
   3.5 DIGIT THERMOMETER
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
More results

Description similaire - IZ8005

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
   Clinical Thermometer
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
   Clinical Thermometer
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
   Clinical Thermometer
HT7510 HOLTEK-HT7510 Datasheet
331Kb / 8P
   Clinical Thermometer
logo
List of Unclassifed Man...
JA31106 ETC-JA31106 Datasheet
154Kb / 7P
   One-Decimal Clinical Thermometer
logo
SHENZHEN FUMAN ELECTRON...
TC31106D FUMAN-TC31106D Datasheet
324Kb / 7P
   One-Decimal Clinical Thermometer
logo
Fortune Semiconductor C...
FS9168-001 FORTUNE-FS9168-001 Datasheet
1Mb / 18P
   FS9168 standard code for digital clinical thermometer application
FS9168-015 FORTUNE-FS9168-015 Datasheet
1Mb / 18P
   FS9168 standard code for digital clinical thermometer application
logo
Advantech Co., Ltd.
PAX-121 ADVANTECH-PAX-121 Datasheet
646Kb / 3P
   21.5" Clinical Display
8-Nov-2022
PAX-124 ADVANTECH-PAX-124 Datasheet
650Kb / 3P
   23.8" Clinical Display
8-Nov-2022
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com