Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IZ7008 Fiches technique(PDF) 10 Page - Integral Corp.

No de pièce IZ7008
Description  8-BIT MICROCONTROLLER WITH LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7008 Fiches technique(HTML) 10 Page - Integral Corp.

Back Button IZ7008 Datasheet HTML 6Page - Integral Corp. IZ7008 Datasheet HTML 7Page - Integral Corp. IZ7008 Datasheet HTML 8Page - Integral Corp. IZ7008 Datasheet HTML 9Page - Integral Corp. IZ7008 Datasheet HTML 10Page - Integral Corp. IZ7008 Datasheet HTML 11Page - Integral Corp. IZ7008 Datasheet HTML 12Page - Integral Corp. IZ7008 Datasheet HTML 13Page - Integral Corp. IZ7008 Datasheet HTML 14Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IZ7008
Korzhenevskogo 12, Minsk, 220064, Republic of Bel-
arus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
10
quency forming in timer 2) and "short" pulses FrT2, FrT3 setting respectively interrupt request flag
FR2 into 1 (bit 5 of the state register R7) and Interrupt request flag FR3 in the states register R7
(bit 6 of the state register R7) are formed.
Flag FR2 is not set into mode of notes frequency forming in timer T2 and in mode when
"short" pulse FrT2 of timer T2 clearing is input signal of timer T3.
The timers are controlled by timers control register RFBO (address 0x7D8)
Description of RFBO control register bits:
Bit
Symbol
Description
After
reset
RFBO_7
IN1-T3
0
RFBO_6
IN0-T3
7,6 bits choose source of timer T3 input signal
00 – signal of ripple-through carry of timer T1
(«short» pulse FrT1)
01 – output Т1_3 of timer Т1 (2048Hz)
10 – signal of clearing timer Т2
(«short» pulse FrT2), in this mode setting of flag FR2 is inhibited
11 – external signal IN6 (output 06 when disconnecting SEG 01 by mask)
0
RFBO_5
IN1-T2
0
RFBO_4
IN0-T2
5,4 bits choose source of timer T2 input signal
00 – signal of ripple-through carry of timer Т1
(«short» pulse FrT1)
01 – output Т1_3 of timer Т1 (2048Hz)
10 – signal 65565 Hz (notes frequency forming mode), in this mode setting of FR2 flag
is inhibited
11 –external signal IN6, IN7, IN8 (from outputs 06, 07 or 08 when disconnecting corre-
sponding SEG 01, SEG 02, SEG 03 by mask)
0
RFBO_3
CLR-T3
1-clearing (reset and zero code fixation) of T3 timer counter, reset of FR3 flag
(except mode, when T3 is clocked by FrТ2 signal; in this mode RFBO_3 and RFBO_1
shoose source of input signal Т2: 00-IN7, 01-IN6 ,1X –IN8)
0
RFBO_2
CLR-T2
1-clearing (reset and zero code fixation) of T2 timer counter, reset of FR2 flag and T3
timer with reset of FR3 flag (when T3 is clocked by FrТ2 signal)
0
RFBO_1
EN-T3
1/0- (count enable) /(count inhibit) Т3 (except mode when Т3 is clocked by FrТ2 signal;
in this mode RFBO_3 and RFBO_1 shoose source of input signal Т2: 00-IN7, 01-IN6
,1X –IN8))
0
RFBO_0
EN-T2
1/0- (count enable) / (count inhibit) Т2 (always) and (count enable) / (count inhibit) Т3
(when T3 is clocked by FrТ2 signal )
0
Timer Т2 can be used in the mode of notes frequency forming for tunes synthesis. The
mode is selected when recording code «10» into 5,4 bits of RFBO control register (IN1-T2=1, IN0-
T2 = 0 ) and timer count enabling.
RFBO_7
RFBO_6
RFBO_5
RFBO_4
RFBO_3
RFBO_2
RFBO_1
RFBO_0
IN1-T3
IN0-T3
IN1-T2
IN0-T2
CLR-T3
CLR-T2
EN-T3
EN-T2
X
X
1
0
X
0
X
1
In this mode setting of interrupt request flag FR2 in the state register R7 is inhibited. Signal of
65565 Hz is applied on counter input.. Notes frequency is formed on counter output (output
T2_7) and can be applied on external output "AL" at the set into 1 flag AL_EN in the state
register R7.
Seven lower counter bits count in the beginning of zero semi-period of note. After reaching
the code equal to the contents of 7 lower bits of KT2 register, 7 lower bits of the counter are
cleared but the highest bit is switched into logic 1 and then the note second (unit) semi-
period is counted in the same way.
As a result on output the frequency of 65565Hz/2N is formed, where N is number from 2 to
127, set in 7 lower bits of register KT2. To form notes period with accuracy to one period of
input frequency 65565 Hz the following possibility is forseen. When setting in register KT2
the higher bit of KT register in logic 1 when counting the second (unit) semi-period at code


Numéro de pièce similaire - IZ7008

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IZ7007 INTEGRAL-IZ7007 Datasheet
260Kb / 8P
   Circuit for electron pedometer - ergmeter
More results

Description similaire - IZ7008

FabricantNo de pièceFiches techniqueDescription
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com