Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


IN87C51N Datasheet(Fiches technique) 2 Page - Integral Corp.

Numéro de pièce IN87C51N
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo 

   
 2 page
background image
IN87C51N
2
CMOS single-chip 8-bit microcontroller 87C51
DC ELECTRICAL CHARACTERISTICS FOR INTEGRAL DEVICES
T=-10 oC to + 70oC; Vcc= 5V
± 10%
Parameter
Test conditions
Limits
Symbol
Min
Max
Vcc
4,5
5,5
Icc
Supply current operating, mA
Vcc = 5,5 V
Fclc = 12MHz
-
25
Icc1
Idle mode current, mA
Vcc = 5,5 V
Fclc = 12MHz
-
4,0
Ipd
Pover-down current, mkA
2V
≤Vpd≤Vcc max
-
50
INPUTS:
Vil
LOW level input voltage, V
(exept EA)
-0,5
0.2Vcc-0,1
Vili
LOW level input voltage, V
(for EA)
0
0.2Vcc-0,3
Vih
HIGH level input voltage, V
(exept XTAL1, RST)
0,2Vcc +0,9
Vcc+0,5
Vih1
HIGH level input voltage, V
(for XTAL1, RST)
0,7Vcc
Vcc+0,5
-Iil
Input current logic 1, mkA
(Ports 1, 2 and 3)
Vi=0,45 V
-
-50
±Itl
Input current logic 1 to 0, mkA
(Ports 1, 2 and 3)
Vi=2 V
-
-650
±Ili
Input leacage current, mkA
(Port 0, EA)
0,45V
≤Vi≤Vcc
-
10
OUTPUTS:
Vol
LOW level output voltage, V
(Ports 1, 2 and 3)
Iol = 1,6 mA
-
0,45
Vol1
LOW level output voltage, V
(Ports 0, ALE, PSEN)
Iol = 3,2 mA
-
0,45
Voh
HIGH level output voltage, V
-Ioh=60 mkA
2,4
-
(Ports 1, 2 and 3)
-Ioh=25 mkA
0,75Vcc
-Ioh=10 mkA
0,9Vcc
Voh1
HIGH level output voltage, V
-Ioh=800 mkA
2,4
-
(Ports 0, ALE, PSEN)
-Ioh=300 mkA
0,75Vcc
-Ioh=80 mkA
0,9Vcc
Rrst
RST pull-down resistor, kOm
50
300
Ci/0
I/O pin capasitance, pF
test frecuency=1MHz
-
10
AC ELECTRICAL CHARACTERISTICS FOR INTEGRAL DEVICES
T=-10 oC to + 70oC; Vcc= 5V
± 10%
Symbol
Parameter
Variable Oscillator
Unit
Fclc
Min
Max
Oscillator Frequency:
IN87C51N - 12
3,5
12
MHz
IN87C51N - 16
3,5
16
MHz




Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M87C51CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY 1 2 3 4 5 MoreIntel Corporation
COP8ACC78-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8CBE98-Bit CMOS Flash Microcontroller with 8k Memory Virtual EEPROM 10-Bit A/D and Brownout Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8CBR98-Bit CMOS Flash Microcontroller with 32k Memory Virtual EEPROM 10-Bit A/D and Brownout 1 2 3 4 5 MoreNational Semiconductor (TI)
87C54CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM 1 2 3 4 5 MoreIntel Corporation
PIC12CE67X8-Pin 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory 1 2 3 4 5 MoreMicrochip Technology
COP8SA8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory Power On Reset and Very Small Packaging 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SBR98-Bit CMOS Flash Based Microcontroller with 32k Memory Virtual EEPROM and Brownout 1 2 3 4 5 MoreNational Semiconductor (TI)
89C535CMOS single-chip 8-bit microcontrollers with FLASH program memory 1 2 3 4 5 MoreNXP Semiconductors
AT80F518-Bit Microcontroller with 4K Bytes QuickFlash Memory 1 2 3 4 5 MoreATMEL Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl