Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC088S022 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce ADC088S022
Description  8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S022 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  ADC088S022 Datasheet HTML 1Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 2Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 3Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 4Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 5Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 6Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 7Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 8Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADC088S022
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
General Description
The ADC088S022 is a low-power, eight-channel CMOS 8-bit
analog-to-digital converter specified for conversion through-
put rates of 50 kSPS to 200 kSPS. The converter is based on
a successive-approximation register architecture with an in-
ternal track-and-hold circuit. It can be configured to accept
up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is compatible
with several standards, such as SPI, QSPI, MICROW-
IRE, and many common DSP serial interfaces.
The ADC088S022 may be operated with independent ana-
log and digital supplies. The analog supply (V
A) can range
from +2.7V to +5.25V, and the digital supply (V
D) can range
from +2.7V to V
A. Normal power consumption using a +3V or
+5V supply is 0.9 mW and 5.5 mW, respectively. The power-
down feature reduces the power consumption to 0.03 µW
using a +3V supply and 0.15 µW using a +5V supply.
The ADC088S022 is packaged in a 16-lead TSSOP pack-
age. Operation over the extended industrial temperature
range of −40˚C to +105˚C is guaranteed.
Features
n
Eight input channels
n
Variable power management
n
Independent analog and digital supplies
n
SPI/QSPI/MICROWIRE/DSP compatible
n
Packaged in 16-lead TSSOP
Key Specifications
n
Conversion Rate
50 kSPS to 200 kSPS
n
DNL (V
A =VD = 2.7V to 5.25V)
±0.2 LSB (max)
n
INL (V
A =VD = 2.7V to 5.25V)
±0.2 LSB (max)
n
Power Consumption
— 3V Supply
0.9 mW (typ)
— 5V Supply
5.5 mW (typ)
Applications
n
Automotive Navigation
n
Portable Systems
n
Medical Instruments
n
Mobile Communications
n
Instrumentation and Control Systems
Connection Diagram
20166705
Ordering Information
Order Code
Temperature Range
Description
ADC088S022CIMT
−40˚C to +105˚C
16-Lead TSSOP Package
ADC088S022CIMTX
−40˚C to +105˚C
16-Lead TSSOP Package, Tape & Reel
ADC088S022EVAL
Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation.
MICROWIREis a trademark of National Semiconductor Corporation.
QSPIand SPIare trademarks of Motorola, Inc.
September 2005
© 2005 National Semiconductor Corporation
DS201667
www.national.com


Numéro de pièce similaire - ADC088S022

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC088S022 TI-ADC088S022 Datasheet
1Mb / 24P
[Old version datasheet]   A low-power, eight-channel CMOS 8-bit analog-to-digital converter specified for comversion throughput rates of 50 ksps to 200 ksps.
ADC088S022 TI1-ADC088S022 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022CIMT TI1-ADC088S022CIMT Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC088S022CIMT/NOPB TI1-ADC088S022CIMT/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

Description similaire - ADC088S022

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com