Moteur de recherche de fiches techniques de composants électroniques |
|
AAT1201 Fiches technique(PDF) 2 Page - Advanced Analog Technology, Inc. |
|
AAT1201 Fiches technique(HTML) 2 Page - Advanced Analog Technology, Inc. |
2 / 21 page Advanced Analog Technology, Inc. – 台灣類比科技股份有限公司 – – Advanced Analog Technology, Inc. – Page 2 of 21 V 1.0 AAT1201 Function Table INPUT VOLTAGE STATUS (V) INPUT SELECTED OUTPUT(V) OUTPUT ( I)(mA) EN25 VCC50 VSB50 AUX33 VCC50/VSB50/AUX33 OUT33 OUT25 Iout33+Iout25 Hi 0 0 0 None 0 0 0 Lo 0 0 0 None 0 0 0 Hi 0 0 3.3 AUX33 3.3 2.5 250 Lo 0 0 3.3 AUX33 3.3 0 250 Hi 0 5 0 VSB50 3.3 2.5 250 Lo 0 5 0 VSB50 3.3 0 250 Hi 0 5.0 3.3 VSB50 3.3 2.5 250 Lo 0 5.0 3.3 VSB50 3.3 0 250 Hi 5 0 0 VCC50 3.3 2.5 250 Lo 5 0 0 VCC50 3.3 0 250 Hi 5 0 3.3 VCC50 3.3 2.5 250 Lo 5 0 3.3 VCC50 3.3 0 250 Hi 5 5 0 VCC50 3.3 2.5 250 Lo 5 5 0 VCC50 3.3 0 250 Hi 5.0 5.0 3.3 VCC50 3.3 2.5 250 Lo 5.0 5.0 3.3 VCC50 3.3 0 250 Pin Description TERMINAL NAME TERMINAL NO. I/O Description VSB50 1 I 5V Standby Supply Input VCC50 2 I 5V Main Supply Input OUT33 3 O 3.3V Regulated Output AUX33 4 I 3.3V Auxiliary Supply Input OUT25 5 O 2.5V Regulated Output EN25 6 I Enable Input of OUT25 GND 7 I Ground GND 8 I Ground |
Numéro de pièce similaire - AAT1201 |
|
Description similaire - AAT1201 |