Moteur de recherche de fiches techniques de composants électroniques |
|
IDT74LVCH244A Fiches technique(PDF) 1 Page - Integrated Device Technology |
|
IDT74LVCH244A Fiches technique(HTML) 1 Page - Integrated Device Technology |
1 / 6 page INDUSTRIALTEMPERATURERANGE IDT74LVCH244A 3.3VCMOSOCTALBUFFER/DRIVERWITH3-STATEOUTPUTS 1 AUGUST 1999 INDUSTRIAL TEMPERATURE RANGE The IDT logo is a registered trademark of Integrated Device Technology, Inc. © 1999 Integrated Device Technology, Inc. DSC-4625/1 FEATURES: • 0.5 MICRON CMOS Technology • ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) •VCC = 3.3V ± 0.3V, Normal Range •VCC = 2.7V to 3.6V, Extended Range • CMOS power levels (0.4 µµµµµ W typ. static) • Rail-to-rail output swing for increased noise margin • All inputs, outputs, and I/O are 5V tolerant • Supports hot insertion • Available in SOIC, SSOP, QSOP, and TSSOP packages FUNCTIONAL BLOCK DIAGRAM APPLICATIONS: • 5V and 3.3V mixed voltage systems • Data communication and telecommunication systems DRIVE FEATURES: • High Output Drivers: ±24mA • Reduced system switching noise IDT74LVCH244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD DESCRIPTION: The LVCH244A octal buffer/driver is built using advanced dual metal CMOS technology. This device is organized as two 4-bit line drivers with separate output-enable (OE) inputs. When OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the high-impedance state. The LVCH244A has been designed with a ±24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. Inputs can be driven from either 3.3V or 5V devices. This feature allows theuseofthisdeviceasatranslatorinamixed3.3V/5Vsystemenvironment. The LVCH244A has “bus-hold” which retains the inputs’ last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors. 1 A1 1 A2 1 A3 1 A4 1 Y1 1 Y2 1 Y3 1 Y4 2 A1 2 A2 2 A3 2 A4 2 Y1 2 OE 2 Y2 2 Y3 2 Y4 19 11 9 15 5 7 13 3 17 1 2 4 6 8 18 16 14 12 1 OE |
Numéro de pièce similaire - IDT74LVCH244A |
|
Description similaire - IDT74LVCH244A |