Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN7199Z Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce AN7199Z
Description  Dual 20 W BTL power IC for car audio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7199Z Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  AN7199Z Datasheet HTML 1Page - Panasonic Semiconductor AN7199Z Datasheet HTML 2Page - Panasonic Semiconductor AN7199Z Datasheet HTML 3Page - Panasonic Semiconductor AN7199Z Datasheet HTML 4Page - Panasonic Semiconductor AN7199Z Datasheet HTML 5Page - Panasonic Semiconductor AN7199Z Datasheet HTML 6Page - Panasonic Semiconductor AN7199Z Datasheet HTML 7Page - Panasonic Semiconductor AN7199Z Datasheet HTML 8Page - Panasonic Semiconductor AN7199Z Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ICs for Audio Common Use
AN7199Z
3
5 V
0 V
500 ms
500 ms
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent current
ICQ
VIN = 0 mV, RL = 4 Ω
120
250
mA
Standby current
ISTB
VIN = 0 mV, RL = 4 Ω
110
µA
Output noise voltage *
1
VNO
Rg = 10 kΩ, RL = 4 Ω
0.18
0.5
mV[rms]
Voltage gain 1
GV1
VIN = 20 mV, RL = 4 Ω
38
40
42
dB
Total harmonic distortion 1
THD1
VIN = 20 mV, RL = 4 Ω
0.07
0.4
%
Maximum output power 1
PO1
THD
= 10%, R
L = 4 Ω
16
18.5
W
VCC = 14.4 V, RL = 4 Ω
22.0
W
Ripple rejection ratio *
1
RR
RL = 4 Ω, Rg = 10 kΩ,55
60
dB
Vr = 1 V[rms], fr = 1 kHz
Channel balance
CB
VIN = 20 mV, RL = 4 Ω
01
dB
Cross-talk *
1
CT
VIN = 20 mV, RL = 4 Ω,60
79
dB
Rg = 10 kΩ
Output offset voltage
VOff
Rg = 10 kΩ, RL = 4 Ω−300
0
300
mV
Muting effect *
1
MT
VO = 1 W, RL = 4 Ω
70
86
dB
Input impedance
Zi
VIN = ± 0.3 VDC
24
30
36
k
Voltage gain 2
GV2
VIN = 20 mV, RL = 2 Ω
38
40
42
dB
Total harmonic distortion 2
THD2
VIN = 20 mV, RL = 2 Ω
0.12
0.5
%
Maximum output power 2
PO2
THD
= 10%, R
L = 2 Ω
16
25
W
Shock noise *
2
VS
RL = 4 Ω, Rg = 10 kΩ−100
0
100
mV[p-0]
VSTB = on/off, 50 Hz HPF-on
Total harmonic distortion 3
THD3
VIN = 10 mV, fIN = 20 kHz
0.10
0.5
%
Rg = 10 kΩ, RL = ∞
s Electrical Characteristics at VCC = 13.2 V, f = 1 kHz, Ta = 25°C
Note) *1 : Measurement using a bandwidth 15 Hz to 30 kHz (12 dB/OCT) filter.
*2 : For VSTB = on/off, change over the standby terminal by the voltages of 0 V and 5 V at the time shown below.
Standby terminal voltage
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
8.0 to 18.0
V


Numéro de pièce similaire - AN7199Z

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN719 SILABS-AN719 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
AN719 SILABS-AN719 Datasheet
3Mb / 40P
   PRECISION32??IDE AND APPBUILDER DETAILED TUTORIAL AND WALKTHROUGH
logo
Panasonic Semiconductor
AN7190 PANASONIC-AN7190 Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
List of Unclassifed Man...
AN7190K ETC2-AN7190K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
More results

Description similaire - AN7199Z

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com