Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM62U256CLG-10L Fiches technique(PDF) 11 Page - Samsung semiconductor

No de pièce KM62U256CLG-10L
Description  32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62U256CLG-10L Fiches technique(HTML) 11 Page - Samsung semiconductor

Back Button KM62U256CLG-10L Datasheet HTML 4Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 5Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 6Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 7Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 8Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 9Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 10Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 11Page - Samsung semiconductor KM62U256CLG-10L Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ELECTRONICS
KM62V256C, KM62U256C Family
CMOS SRAM
Revision 04
April 1996
- 11 -
TECHNICAL INFORMATION
All the values in this graph are depicted by the relative value with the maximum value
measured at 3.3V Vcc and -40° Ctemperature. The basic relative value of Icc2 at that
condition is set into 1.
All the values in this graph are depicted by the relative value with the maximum value
measured at 3.0V Vcc and 85° Ctemperature. The basic relative value of Isb1 at that
condition is set into 1.
Icc2 v.s Temperature
0.500
0.600
0.700
0.800
0.900
1.000
-40
-10
0
25
40
70
85
Temerature( ¡ É
)
3.0V
Device
3.3V
Device
Isb1 v.s Temperature
0.00
0.20
0.40
0.60
0.80
1.00
-40
-10
0
25
40
70
85
Temperature( ¡ É
)
2.7V
3.0V
1) Icc2 characteristics by temperature variation
2) Isb1(CMOS Level Standby Current) characteristics by temperature variation


Numéro de pièce similaire - KM62U256CLG-10L

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DL-L SAMSUNG-KM62U256DL-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DLE-L SAMSUNG-KM62U256DLE-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DLG-10L SAMSUNG-KM62U256DLG-10L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62U256DLG-7L SAMSUNG-KM62U256DLG-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Description similaire - KM62U256CLG-10L

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com