Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUD700D Fiches technique(PDF) 4 Page - Vaishali Semiconductor

No de pièce BUD700D
Description  Silicon NPN High Voltage Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VAISH [Vaishali Semiconductor]
Site Internet  
Logo VAISH - Vaishali Semiconductor

BUD700D Fiches technique(HTML) 4 Page - Vaishali Semiconductor

  BUD700D Datasheet HTML 1Page - Vaishali Semiconductor BUD700D Datasheet HTML 2Page - Vaishali Semiconductor BUD700D Datasheet HTML 3Page - Vaishali Semiconductor BUD700D Datasheet HTML 4Page - Vaishali Semiconductor BUD700D Datasheet HTML 5Page - Vaishali Semiconductor BUD700D Datasheet HTML 6Page - Vaishali Semiconductor BUD700D Datasheet HTML 7Page - Vaishali Semiconductor BUD700D Datasheet HTML 8Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUD700D
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 1, 20–Jan–99
4 (8)
Document Number 86505
Typical Characteristics (Tcase = 25_C unless otherwise specified)
0
1
2
3
4
0
100
200
300
400
500
VCE – Collector Emitter Voltage ( V )
13723
0.1 x IC < IB2 < 0.5 x IC
VCEsat < 2 V
Figure 3. VCEW – Diagram
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
012
34
567
89 10 11 12
VCE – Collector Emitter Voltage ( V )
13725
IB=0.05A
0.1A
0.2A
0.15A
0.25A
Figure 4. IC vs. VCE
1
10
100
0.01
0.10
1.00
10.00
IC – Collector Current ( A )
13727
5V
VCE=2V
10V
Figure 5. hFE vs. IC
0.01
0.10
1.00
10.00
100.00
0
25
50
75
100
125
150
Tcase – Case Temperature ( °C )
13724
12.5K/W
25K/W
50K/W
RthJA=135K/W
5K/W
Figure 6. Ptot vs.Tcase
0.01
0.10
1.00
10.00
0.01
0.10
1.00
10.00
IB – Base Current ( A )
13726
IC=0.2A
2A
0.35A
1A
Figure 7. VCEsat vs. IB
1
10
100
0.01
0.10
1.00
10.00
IC – Collector Current ( A )
13728
VCE=2V
Tj = 125°C
75
°C
25
°C
Figure 8. hFE vs. IC


Numéro de pièce similaire - BUD700D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
   High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D-1 ONSEMI-BUD42D-1 Datasheet
193Kb / 14P
   High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4 ONSEMI-BUD42DT4 Datasheet
193Kb / 14P
   High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Description similaire - BUD700D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUD616A VISHAY-BUD616A Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com