Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9313-01 Fiches technique(PDF) 3 Page - Peregrine Semiconductor Corp.

No de pièce 9313-01
Description  1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PEREGRINE [Peregrine Semiconductor Corp.]
Site Internet  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9313-01 Fiches technique(HTML) 3 Page - Peregrine Semiconductor Corp.

  9313-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
PE9313
Page 3 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0120-02
│ www.psemi.com
Typical Performance Data: VDD = 3.0 V
Figure 4. Input Sensitivity
Figure 5. Device Current
Figure 6. Output Power


Numéro de pièce similaire - 9313-01

FabricantNo de pièceFiches techniqueDescription
logo
Keystone Electronics Co...
9313 KEYSTONE-9313 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9313 HEYCO-9313 Datasheet
152Kb / 2P
   Snap Rivets
logo
KISTLER INSTRUMENT CORP...
9313AA1 KISTLER-9313AA1 Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
9313AA2 KISTLER-9313AA2 Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
More results

Description similaire - 9313-01

FabricantNo de pièceFiches techniqueDescription
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com