Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3291 Fiches technique(PDF) 3 Page - Peregrine Semiconductor Corp.

No de pièce PE3291
Description  1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PEREGRINE [Peregrine Semiconductor Corp.]
Site Internet  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3291 Fiches technique(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE3291 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Product Specification
PE3291
Page 3 of 15
Document No. 70-0009-04
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
PE3291 Description
The PE3291 is intended for such applications as
the local oscillator for the RF and first IF of dual-
conversion transceivers. The RF PLL (PLL1)
includes a 32/33 prescaler with a 1200 MHz
maximum frequency of operation, where the IF
PLL (PLL2) incorporates a 16/17 prescaler with a
550 MHz maximum frequency of operation. Using
an advanced fractional-N phase-locked loop
technique, the PE3291 can generate a stable,
very low phase-noise signal. The dual fractional
architecture allows fine resolution in both PLLs,
with no degradation in phase noise performance.
Data is transferred into the PE3291 via a three-
wire interface (Data, Clock, LE). Supply voltage
can range from 2.7 to 3.3 volts for VDD and from
0.8 to 3.3 volts for the FlexiPower supply. PE3291
features very low power consumption and is
available in a 20-lead TSSOP (JEDEC MO-153-
AC) package.
FlexiPower Operation
Each FlexiPower PLL prescaler can be supplied
its own dedicated supply voltage as low as 0.8
volts for substantial power savings. The maximum
frequency of operation scales with the FlexiPower
supply voltage. If voltages less than VDD are not
available, the FlexiPower supplies can be
internally generated, but the power savings will
not be as great as when using external
FlexiPower supplies.
Spurious Response
A critical parameter for synthesizer designs is
spurious output. Spurs occur at the integer
multiples of the step size away from center tone.
An important feature of fractional synthesizers is
their ability to reduce these spurious sidebands.
The PE3291 has a built-in method for reducing
these spurs, with no external components or
tuning required. In addition, this circuitry works
over the full commercial temperature range.
Figure 4. PE3291 Block Diagram
32/33
Prescaler
f
in1
19-bit Fractional-N
Main Divider
Fractional Spur
Compensation
Fractional Spur
Compensation
18-bit Fractional-N
Main Divider
9-bit Reference
Divider
9-bit Reference
Divider
21-bit Serial Control
Interface
Ref.
Amp.
f
r
Clock
Data
LE
f
in2
16/17
Prescaler
f
oLD
CP1
CP2
Phase
Detector
Phase
Detector
Charge
Pump
Charge
Pump
Multiplexer


Numéro de pièce similaire - PE3291

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3291 PASTERNACK-PE3291 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-12 PASTERNACK-PE3291-12 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-24 PASTERNACK-PE3291-24 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-36 PASTERNACK-PE3291-36 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-48 PASTERNACK-PE3291-48 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
More results

Description similaire - PE3291

FabricantNo de pièceFiches techniqueDescription
logo
Peregrine Semiconductor...
PE3282A PEREGRINE-PE3282A Datasheet
213Kb / 14P
   1.1 GHz/510 MHz Dual Fractional-N PLL IC for Frequency Synthesis
logo
List of Unclassifed Man...
PE3293 ETC-PE3293 Datasheet
266Kb / 18P
   1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
KR Electronics, Inc.
2876 KR-2876 Datasheet
35Kb / 2P
   550 MHz Center Frequency
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Motorola, Inc
MC145181 MOTOROLA-MC145181 Datasheet
957Kb / 71P
   Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier
logo
Fujitsu Component Limit...
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F86UL FUJITSU-MB15F86UL Datasheet
313Kb / 28P
   Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com