Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICX415AQ Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce ICX415AQ
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX415AQ Fiches technique(HTML) 3 Page - Sony Corporation

  ICX415AQ Datasheet HTML 1Page - Sony Corporation ICX415AQ Datasheet HTML 2Page - Sony Corporation ICX415AQ Datasheet HTML 3Page - Sony Corporation ICX415AQ Datasheet HTML 4Page - Sony Corporation ICX415AQ Datasheet HTML 5Page - Sony Corporation ICX415AQ Datasheet HTML 6Page - Sony Corporation ICX415AQ Datasheet HTML 7Page - Sony Corporation ICX415AQ Datasheet HTML 8Page - Sony Corporation ICX415AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
– 3 –
ICX415AQ
Absolute Maximum Ratings
Item
VDD, VOUT, CGG, SUBCIR – GND
VDD, VOUT, CGG, SUBCIR –
φSUB
V
φ1, Vφ2, Vφ3 – GND
V
φ1, Vφ2, Vφ3 – φSUB
Substrate clock
φSUB – GND
Supply voltage
Clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizongal clock input pins
H
φ1, Hφ2 – Vφ3
H
φ1, Hφ2 – GND
H
φ1, Hφ2 – φSUB
VL
φSUB
V
φ2, Vφ3 – VL
RG – GND
V
φ1, Hφ1, Hφ2, GND – VL
Storage temperature
Performance guarantee temperature
Operating temperature
–0.3 to +55
–0.3 to +18
–55 to +10
–15 to +20
to +10
to +15
to +17
–16 to +16
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +27.5
–0.3 to +22.5
–0.3 to +17.5
–30 to +80
–10 to +60
–10 to +75
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
°C
1
Ratings
Unit
Remarks
1 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
+16V (Max.) is guaranteed for power-on and power-off.


Numéro de pièce similaire - ICX415AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
More results

Description similaire - ICX415AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com