Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS670-04 Fiches technique(PDF) 6 Page - Integrated Circuit Systems

No de pièce ICS670-04
Description  LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670-04 Fiches technique(HTML) 6 Page - Integrated Circuit Systems

  ICS670-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
MDS 670-04 B
6
Revision 011905
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS670-04
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS670M-04I
ICS670M-04I
Tubes
16-pin SOIC
-40 to +85
°C
ICS670M-04IT
ICS670M-04I
Tape and Reel
16-pin SOIC
-40 to +85
°C
ICS670M-04ILF
670M-04ILF
Tubes
16-pin SOIC
-40 to +85
°C
ICS670M-04ILFT
670M-04ILF
Tape and Reel
16-pin SOIC
-40 to +85
°C
INDEX
AREA
1 2
16
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51.013
.020
C
0.19
0.25
.0075
.0098
D
9.80
10.00
.3859
.3937
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50.010
.020
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°


Numéro de pièce similaire - ICS670-04

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results

Description similaire - ICS670-04

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
   Low Phase Noise Zero Delay Buffer and Multiplier
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com