Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LMX2485 Datasheet(Fiches technique) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numéro de pièce LMX2485
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo 

 
 1 page
background image
LMX2485/LMX2485E
50 MHz - 3.0 GHz High Performance Delta-Sigma Low
Power Dual PLLatinumFrequency Synthesizers with
800 MHz Integer PLL
General Description
The LMX2485 is a low power, high performance delta-sigma
fractional-N PLL with an auxiliary integer-N PLL. The device
is fabricated using National Semiconductor’s advanced pro-
cess.
With delta-sigma architecture, fractional spurs at lower offset
frequencies are pushed to higher frequencies outside the
loop bandwidth. The ability to push close in spur and phase
noise energy to higher frequencies is a direct function of the
modulator order. Unlike analog compensation, the digital
feedback technique used in the LMX2485 is highly resistant
to changes in temperature and variations in wafer process-
ing. The LMX2485 delta-sigma modulator is programmable
up to fourth order, which allows the designer to select the
optimum modulator order to fit the phase noise, spur, and
lock time requirements of the system.
Serial data for programming the LMX2485 is transferred via
a three line high speed (20 MHz) MICROWIRE interface.
The LMX2485 offers fine frequency resolution, low spurs,
fast programming speed, and a single word write to change
the frequency. This makes it ideal for direct digital modula-
tion applications, where the N counter is directly modulated
with information. The LMX2485 is available in a 24 lead
4.0 X 4.0 X 0.8 mm LLP package.
Applications
n
Cellular phones and base stations
CDMA, WCDMA, GSM/GPRS, TDMA, EDGE, PDC
n
Direct digital modulation applications
n
Satellite and cable TV tuners
n
WLAN Standards
Features
Quadruple Modulus Prescalers for Lower Divide Ratios
n
RF PLL: 8/9/12/13 or 16/17/20/21
n
IF PLL: 8/9 or 16/17
Advanced Delta Sigma Fractional Compensation
n
12 bit or 22 bit selectable fractional modulus
n
Up to 4th order programmable delta-sigma modulator
Features for Improved Lock Times and Programming
n
Fastlock / Cycle slip reduction
n
Integrated time-out counter
n
Single word write to change frequencies with Fastlock
Wide Operating Range
n
LMX2485 RF PLL: 500 MHz to 3.0 GHz
n
LMX2485E RF PLL: 50 MHz to 3.0 GHz
Useful Features
n
Digital lock detect output
n
Hardware and software power-down control
n
On-chip crystal reference frequency doubler.
n
RF phase comparison frequency up to 50 MHz
n
2.5 to 3.6 volt operation with I
CC = 5.0 mA at 3.0 V
Functional Block Diagram
20087701
PLLatinumis a trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS200877
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LMX24873.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
LMX2350PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
LMX24702.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08D500High Performance Low Power Dual 8-Bit 500 MSPS A/D Converter 1 2 3 4 5 MoreAnalog Devices
LMX23642.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LMV712Low Power Low Noise High Output RRIO Dual Operational Amplifier with Independent Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
LMX2330LPLLatinum™ Low Power Dual Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)
ADF4217LDual Low Power Frequency Synthesizers 1 2 3 4 5 MoreAnalog Devices
SA80282.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers 1 2 3 4 5 MoreNXP Semiconductors

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl