Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C5V6 Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
BZX55C5V6 Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page ©2004 Fairchild Semiconductor Corporation BZX55C2V4 - BZX55C91, Rev. B1 Electrical Characteristics T A=25°C unless otherwise noted Device VZ (V) @ IZ (Note 1) ZZ @ IZ ( Ω) Test Current IZ (mA) IR (µA) @ VR IZM (mA) (Note 2) Min. Max. Ta = 25 °CTa = 125°CV R (V) BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 2.28 2.50 2.8 3.1 3.4 2.56 2.9 3.2 3.5 3.8 85 85 85 85 85 5 5 5 5 5 50 10 4 2 2 100 50 40 40 40 1 1 1 1 1 155 135 125 115 105 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 3.7 4.0 4.4 4.8 5.2 4.1 4.6 5.0 5.4 6.0 85 75 60 35 25 5 5 5 5 5 2 1 0.5 0.1 0.1 40 40 10 2 2 1 1 1 1 1 95 90 85 80 70 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 5.8 6.4 7.0 7.7 8.5 6.6 7.2 7.9 8.7 9.6 10 8 7 7 10 5 5 5 5 5 0.1 0.1 0.1 0.1 0.1 2 2 2 2 2 2 3 5 6 7 64 58 53 47 43 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 9.5 10.4 11.4 12.4 13.8 10.6 11.6 12.7 14.1 15.6 15 20 20 26 30 5 5 5 5 5 0.1 0.1 0.1 0.1 0.1 2 2 2 2 2 7.5 8.5 9 10 11 40 36 32 29 27 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 15.3 16.8 18.8 20.8 22.8 17.1 19.1 21.1 23.3 25.6 40 50 55 55 80 5 5 5 5 5 0.1 0.1 0.1 0.1 0.1 2 2 2 2 2 12 14 15 17 18 24 21 20 18 16 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 25.1 28.0 31.0 34.0 37.0 28.9 32.0 35.0 38.0 41.0 80 80 80 80 90 5 5 5 5 2.5 0.1 0.1 0.1 0.1 0.1 2 2 2 2 5 20 22 24 27 28 14 13 12 11 10 Zeners BZX55C2V4 - BZX55C91 Absolute Maximum Ratings * T A = 25°C unless otherwise noted * These ratings are limiting values above which the serviceability of the diode may be impaired. Symbol Parameter Value Units PD Power Dissipation @ TL ≤ 75°C, Lead Length = 3/8” 500 mW Derate above 75 °C4.0 mW/ °C TJ, TSTG Operating and Storage Temperature Range -65 to +200 °C Tolerance = 5% DO-35 Glass case COLOR BAND DENOTES CATHODE |
Numéro de pièce similaire - BZX55C5V6 |
|
Description similaire - BZX55C5V6 |