Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C5V6 Fiches technique(PDF) 4 Page - Fairchild Semiconductor |
|
BZX55C5V6 Fiches technique(HTML) 4 Page - Fairchild Semiconductor |
4 / 5 page ©2004 Fairchild Semiconductor Corporation BZX55C2V4 - BZX55C91, Rev. B1 Top Mark Information (Continued) General Requirements: 1.0 Cathod Band 2.0 First Line: F - Fairchild Logo 3.0 Second Line: Device name - For 1Nxx series: 3rd to 5th characters of the device name. For BZxx series: 4th to 6th characters of the device name. 4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name. For BZXyy series: Voltage rating 5.0 Fourth Line: XY or XYL - Two Digit - Six Weeks Date Code Where: X represents the last digit of the calendar year Y represents the Six weeks numeric code L represents the Large die identification 6.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec). 7.0 Maximum no. of marking lines: 4 8.0 Maximum no. of digits per line: 3 9.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 10.0 Marking Font: Arial (Except FSC Logo) 11.0 First character of each marking line must be aligned vertically F 522 9B XY 1st line: F - Fairchild Logo 2nd line: Device Name - 3rd to 5th characters of the device name. or 4th to 6th characters for BZXyy series 3rd line: Device Name - 6th to 7th characters of the device name. or Voltage rating for BZXyy series 4th line: Device Code or - Two Digit - Six Weeks Date Code. Date code plus or Two Digit - Six Weeks Date Code Large die identification plus Large die identification, “L” |
Numéro de pièce similaire - BZX55C5V6 |
|
Description similaire - BZX55C5V6 |