Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN5367FB Fiches technique(PDF) 6 Page - Panasonic Semiconductor

No de pièce AN5367FB
Description  NTSC video, chroma, and deflection signal processing circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5367FB Fiches technique(HTML) 6 Page - Panasonic Semiconductor

Back Button AN5367FB Datasheet HTML 2Page - Panasonic Semiconductor AN5367FB Datasheet HTML 3Page - Panasonic Semiconductor AN5367FB Datasheet HTML 4Page - Panasonic Semiconductor AN5367FB Datasheet HTML 5Page - Panasonic Semiconductor AN5367FB Datasheet HTML 6Page - Panasonic Semiconductor AN5367FB Datasheet HTML 7Page - Panasonic Semiconductor AN5367FB Datasheet HTML 8Page - Panasonic Semiconductor AN5367FB Datasheet HTML 9Page - Panasonic Semiconductor AN5367FB Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
AN5367FB
ICs for TV
s Electrical Characteristics at Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Color signal processing (continued)
Tint variable range
∆θ
Tint
= min. to max.
±30
±45
deg
Demodulation output ratio R/B
R/B
Rainbow input
0.76
0.96
1.15
Times
Demodulation output ratio G/B
G/B
Rainbow input
0.27
0.36
0.45
Times
Demodulation angle
∠R
∠R
Reference is
∠B
96
104
112
deg
Demodulation angle
∠G
∠G
Reference is
∠B
225
235
245
deg
Demodulation output residual carrier
AFSC
fSC component of demodulation output
20
50
mV[p-p]
CW output DC level 1
V31(1)
Subcarrier output: Off
1.4
1.9
2.4
V
CW output DC level 2
V31(2)
Subcarrier output: On
5.6
6.1
6.6
V
CW Out output level
ACW
Output level of fSC
250
350
500
mV[p-p]
High-level killer output
KILH
Pin 45 voltage measurement, V32 = 5.5 V
4.0
4.6
V
Low-level killer output
KILL
Pin 45 voltage measurement, V32 = 4 V
0.4
1.0
V
Killer output open
KILOP
At VV mode, I45 measurement,
−10
+1
µA
V32 = 4 V or 5.5 V
RGB processing
RGB output DC difference voltage
∆PL
1
∆V = V
R −VG , VG −VB , VB −VR ,
−300
0
+300
mV
burst input only, cut off: min.
RGB output limit level
VLIM
Input: 2.0 V[p-p], total white, contrast:
6.6
6.9
7.2
V
max., cut off: max., bright: max.
External RGB input clip level 1
EG1
YS: H, contrast: max., difference from
2.2
2.6
3.0
V
internal pedestal voltage, cut off: min.,
drive: typ.
External RGB input clip level 2
EG2
YS: H, contrast: min., difference from
1.1
1.6
2.1
V
internal pedestal voltage, cut off: min.,
drive: typ.
External RGB input clip level
∆E
G1
YS: H, contrast: max., external input
−300
0
+300
mV
difference
clip level difference among R, G and
B channel
External RGB gain
GEXT
YS: H, contrast: max., input voltage:
1.6
2.3
3.0
Times
0.3 V[p-p], sine wave, 1 MHz
External RGB frequency
fEXT
YS: H, contrast: max., input voltage:
−4.8
−1.8
dB
characteristics
0.3 V[p-p], sine wave, reference: 1 MHz,
attenuation amount at 7 MHz
Internal/external pedestal
∆PL
2
Burst input only, YS: high/low
50
250
600
mV
difference voltage
YS threshold level
YS
Pin 20 voltage at which inside and
1.1
1.6
2.1
V
outside change over
Cut-off variable range
∆CO
Without input, cut off: min. to max.
1.2
1.5
1.8
V
Drive variable range
∆DR
Input: staircase, 2.0 V[p-p], drive: min.
5
7
9
dB
to max.
Note) Unless otherwise specified, refer to "
• Typical conditions for testing" for the conditions of I2C bus and each pin.


Numéro de pièce similaire - AN5367FB

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
AN5369 DYNEX-AN5369 Datasheet
58Kb / 3P
   Selection Of SCRs For Parallel Operation
More results

Description similaire - AN5367FB

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
M51414BSP MITSUBISHI-M51414BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52300BSP MITSUBISHI-M52300BSP Datasheet
986Kb / 8P
   NTSC VIDEO CHROMA DEFLECTION PROCESSOR???
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
   PAL/ NTSC VIDEO CHROMA DEFLECTION
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
   PAL/NTSC VIDEO CHROMA DEFLECTION
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com