Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN5367FB Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce AN5367FB
Description  NTSC video, chroma, and deflection signal processing circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5367FB Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  AN5367FB Datasheet HTML 1Page - Panasonic Semiconductor AN5367FB Datasheet HTML 2Page - Panasonic Semiconductor AN5367FB Datasheet HTML 3Page - Panasonic Semiconductor AN5367FB Datasheet HTML 4Page - Panasonic Semiconductor AN5367FB Datasheet HTML 5Page - Panasonic Semiconductor AN5367FB Datasheet HTML 6Page - Panasonic Semiconductor AN5367FB Datasheet HTML 7Page - Panasonic Semiconductor AN5367FB Datasheet HTML 8Page - Panasonic Semiconductor AN5367FB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
ICs for TV
AN5367FB
s Pin Descriptions (continued)
Pin No.
Description
21
B output pin
22
G output pin
23
R output pin
24
Output limiter pin
25
Chroma oscillator pin
26
Spot killer pin
27
External B input pin
28
External G input pin
29
External R input pin
30
Chroma APC filter pin
31
Subcarrier output pin
32
Killer filter pin
33
ABL/ACL input pin
34
Black extension start adjusting pin
Pin No.
Description
35
Black level detection filter pin
36
Chroma signal input pin
37
VCC1 reference voltage pin (9.6 V)
38
Power supply pin (VCC1: 9 V)
39
Capacitor pin for Y clamp
40
DAC output pin 2
41
Y signal input pin
42
APL detection filter pin
43
SCL pin (for I2C bus)
44
SDA pin (for I2C bus)
45
Killer output pin
46
Video signal input pin 3
47
Power supply pin (VCC2: 5 V)
48
Video signal input pin 2
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
VCC1 (38)
9.9
V
VCC3 (47)
5.5
Supply current
ICC
I38
47
mA
I47
31
I14
13
I37
5
Power dissipation *2
PD
775
mW
Operating ambient temperature *1
Topr
−20 to +70
°C
Storage temperature *1
Tstg
−55 to +150
°C
s Absolute Maximum Ratings
Note) *1 : Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2 : The power dissipation shown is the value for Ta = 70°C.
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC1
8.55 to 9.45
V
VCC2
4.75 to 5.25
Supply current
I14
6.0 to 12
mA
I37
1.0 to 4.5


Numéro de pièce similaire - AN5367FB

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
AN5369 DYNEX-AN5369 Datasheet
58Kb / 3P
   Selection Of SCRs For Parallel Operation
More results

Description similaire - AN5367FB

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
M51414BSP MITSUBISHI-M51414BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52300BSP MITSUBISHI-M52300BSP Datasheet
986Kb / 8P
   NTSC VIDEO CHROMA DEFLECTION PROCESSOR???
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
   PAL/ NTSC VIDEO CHROMA DEFLECTION
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
   PAL/NTSC VIDEO CHROMA DEFLECTION
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com