Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM54HCT147 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MM54HCT147
Description  10-to-4 Line Priority Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HCT147 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  MM54HCT147 Datasheet HTML 1Page - National Semiconductor (TI) MM54HCT147 Datasheet HTML 2Page - National Semiconductor (TI) MM54HCT147 Datasheet HTML 3Page - National Semiconductor (TI) MM54HCT147 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF9397
PRELIMINARY
November 1995
MM54HCT147MM74HCT147
10-to-4 Line Priority Encoder
General Description
This priority encoder utilizes advanced silicon-gate CMOS
technology It has the high noise immunity and low power
consumption typical of CMOS circuits as well as the speeds
and output drive similar to LS-TTL
This priority encoder accepts 9 input request lines 1 – 9 and
outputs 4 line BCD The priority encoding ensures that only
the highest order data line is encoded The implied decimal
zero condition requires no input condition as zero is encod-
ed when all nine data lines are at a high logic level All data
inputs and outputs are active at low logic level
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
MM54HCTMM74HCT devices are intended to interface be-
tween TTL and NMOS components and standard CMOS
devices These parts are also plug in replacements for LS-
TTL devices and can be used to reduce power comsump-
tion in existing designs
Features
Y
Low quiescent power consumption
40 mW maximum at 25 C
Y
High speed 13 ns propagation delay (typical)
Y
Very low input current 10b5 mA typical
Connection and Logic Diagrams
Dual-In-Line Package
TLF9397 – 1
Order Number MM54HCT147 or MM74HCT147
Truth Table
Inputs
Outputs
123456789
D
C
B
A
HHHHHHHHHHHHH
XXXXXXXX
L
L
H
H
L
XXXXXXX
LHLH
H
H
XXXXXX
LH
H
H
L
L
L
XXXXX
L
HHHH
L
L
H
XXXX
L
HHHH
HLHL
X
X
X
L
HHHHHH
L
H
H
X
X
L
HHHHHHHH
L
L
X
L
HHHHHHHHH
L
H
L
HHHHHHHHHHH
L
H e High Logic Level L e Low Logic Level X e Irrelevant
TLF9397 – 2
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Numéro de pièce similaire - MM54HCT147

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MM54HCT148 NSC-MM54HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
More results

Description similaire - MM54HCT147

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
   10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
   10 TO 4 LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
   Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com