Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC50448 Fiches technique(PDF) 10 Page - OPTEK Technologies

No de pièce DMC50448
Description  LCD Module Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

DMC50448 Fiches technique(HTML) 10 Page - OPTEK Technologies

Back Button DMC50448 Datasheet HTML 6Page - OPTEK Technologies DMC50448 Datasheet HTML 7Page - OPTEK Technologies DMC50448 Datasheet HTML 8Page - OPTEK Technologies DMC50448 Datasheet HTML 9Page - OPTEK Technologies DMC50448 Datasheet HTML 10Page - OPTEK Technologies DMC50448 Datasheet HTML 11Page - OPTEK Technologies DMC50448 Datasheet HTML 12Page - OPTEK Technologies DMC50448 Datasheet HTML 13Page - OPTEK Technologies DMC50448 Datasheet HTML 14Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DMC-50448N
(AA)
No.99-0094
OPTREX CORPORATION
Page 10/15
OPTREX
6.Appearance Standards
6.1.Inspection conditions
The LCD shall be inspected under 40W white fluorescent light.
The distance between the eyes and the sample shall be more than 30cm.
All directions for inspecting the sample should be within 45 ゚ against perpendicular line.
6.2.Definition of applicable Zones
A Zone : Active display area
B Zone : Area from outside of "A Zone" to validity viewing area
C Zone : Rest parts
A Zone + B Zone = Validity viewing area
A Zone
B Zone
C Zone
Bezel Flame
45゚


Numéro de pièce similaire - DMC50448

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
DMC506E2 PANASONIC-DMC506E2 Datasheet
309Kb / 3P
   For high-frequency amplification DMC206E2 in SMini6 type package
DMC506E20R PANASONIC-DMC506E20R Datasheet
309Kb / 3P
   For high-frequency amplification DMC206E2 in SMini6 type package
More results

Description similaire - DMC50448

FabricantNo de pièceFiches techniqueDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com