Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXN1000-3BAL Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce CXN1000-3BAL
Description  Bluetooth Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXN1000-3BAL Fiches technique(HTML) 7 Page - Sony Corporation

Back Button CXN1000-3BAL Datasheet HTML 3Page - Sony Corporation CXN1000-3BAL Datasheet HTML 4Page - Sony Corporation CXN1000-3BAL Datasheet HTML 5Page - Sony Corporation CXN1000-3BAL Datasheet HTML 6Page - Sony Corporation CXN1000-3BAL Datasheet HTML 7Page - Sony Corporation CXN1000-3BAL Datasheet HTML 8Page - Sony Corporation CXN1000-3BAL Datasheet HTML 9Page - Sony Corporation CXN1000-3BAL Datasheet HTML 10Page - Sony Corporation CXN1000-3BAL Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
– 7 –
CXN1000
Radio Characteristics
Transmitter
Output power (Average)
Modulation characteristics
Initial carrier frequency
tolerance
Carrier frequency drift
Drift rate
20dB bandwidth
Adjacent channel power
Out-of-band spurious
emissions
Unit
dBm
kHz
kHz
kHz
kHz
kHz
kHz
kHz/
50µs
kHz/
50µs
kHz/
50µs
kHz
dBm
dBm
dBm
dBm
dBm
dBm
delta-f1 avg
delta-f2 max
DH1
DH3
DH5
DH1
DH3
DH5
|M-N| = 2
|M-N|
≥3
30M-1G
1G-12.75G
1.8G-1.9G
5.15G-5.3G
Condition
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
N & ETC
Remark
11110000 mod.
1010 mod.
Typ.
0
165
140
10
12
12
15
8
10
12
900
–40
–50
–65
–55
–75
–75
Min.
–6
140
115
Max.
4
175
75
25
40
40
20
20
20
1000
–20
–40
–36
–30
–47
–47
NTC: Normal Test Conditions +15 to +35°C, ETC: Extreme Test Conditions –40 to +85°C
Input/Output Terminal Characteristics (continued)
CE Terminal
Input Voltage
VIL input logic level low
VIH input logic level high
Input Current
IIL input logic level low
IIH input logic level high
Unit
V
V
µA
µA
Typ.
Min.
1.7
–0.15
–0.15
Max.
0.2
VDD3.0
0.15
0.15


Numéro de pièce similaire - CXN1000-3BAL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
CXN1010-2BAL SONY-CXN1010-2BAL Datasheet
184Kb / 21P
   Bluetooth Module
CXN1010-2DAL SONY-CXN1010-2DAL Datasheet
184Kb / 21P
   Bluetooth Module
CXN1010-3AAL SONY-CXN1010-3AAL Datasheet
184Kb / 21P
   Bluetooth Module
CXN1010-3BAL SONY-CXN1010-3BAL Datasheet
184Kb / 21P
   Bluetooth Module
More results

Description similaire - CXN1000-3BAL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
   Bluetooth Module
BTM8645M BUDDIES-BTM8645M Datasheet
927Kb / 23P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com