Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADS5242 Datasheet(Fiches technique) 3 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce ADS5242
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
Télécharger  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 3 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
ADS5242
PARAMETER
MIN
TYP
MAX
UNITS
SUPPLIES AND REFERENCES
Analog Supply Voltage, AVDD
3.0
3.3
3.6
V
Output Driver Supply Voltage, LVDD
3.0
3.3
3.6
V
REFT — External Reference Mode
1.825
1.95
2
V
REFB — External Reference Mode
0.9
0.95
1.075
V
REFCM = (REFT + REFB)/2 – External Reference Mode(1)
VCM ± 50mV
V
Reference = (REFT – REFB) – External Reference Mode
0.75
1.0
1.1
V
Analog Input Common-Mode Range(1)
VCM ± 50mV
V
CLOCK INPUT AND OUTPUTS
ADCLK Input Sample Rate (low-voltage TTL)
20
65
MSPS
ADCLK Duty Cycle
45
55
%
Low-Level Voltage Clock Input
0.6
V
High-Level Voltage Clock Input
2.2
V
ADCLKP and ADCLKN Outputs (LVDS)
20
65
MHz
LCLKP and LCLKN Outputs (LVDS)(2)
120
390
MHz
Operating Free-Air Temperature, TA
–40
+85
°C
Thermal Characteristics:
θ
JA
20.4
°C/W
θ
JC
14.5
°C/W
(1)
These voltages need to be set to 1.45V
± 50mV if they are derived independent of V
CM.
(2)
6
× ADCLK.
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADS52778-Channel 10-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52404-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52728-Channel 12-Bit 65MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS78661.2-V 12-/10-/8-BIT 200-KSPS/100-KSPS MICRO-POWER MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS784112-Bit 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
MCP32012.7V 12-Bit A/D Converter with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
MCP32022.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
ADS841316-BIT 2-MSPS LVDS SERIAL INTERFACE SAR ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52708-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl