Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADS5242 Datasheet(Fiches technique) 12 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce ADS5242
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
Télécharger  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 12 page
background image
www.ti.com
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
PIN DESCRIPTIONS
NAME
PIN #
I/O
DESCRIPTION
ADCLK
56
I
Data Converter Clock Input
ADCLKN
34
O
Negative LVDS ADC Clock Output
ADCLKP
33
O
Positive LVDS ADC Clock Output
AVDD
1, 5, 10, 39, 44, 48, 55, 60
I
Analog Power Supply
AVSS
4, 6, 9, 40, 43, 45, 49, 57-59, 64
I
Analog Ground
CS
61
I
Chip Select; 0 = Select, 1 = No Select
IN1N
3
I
Channel 1 Differential Analog Input Low
IN1P
2
I
Channel 1 Differential Analog Input High
IN2N
8
I
Channel 2 Differential Analog Input Low
IN2P
7
I
Channel 2 Differential Analog Input High
IN3N
42
I
Channel 3 Differential Analog Input Low
IN3P
41
I
Channel 3 Differential Analog Input High
IN4N
47
I
Channel 4 Differential Analog Input Low
IN4P
46
I
Channel 4 Differential Analog Input High
INT/EXT
54
I
Internal/External Reference Select; 0 = External, 1 = Internal. Weak pull-up to supply.
ISET
50
I/O
Bias Current Setting Resistor of 56.2k
Ω to Ground
LCLKN
16
O
Negative LVDS Clock
LCLKP
15
O
Positive LVDS Clock
LVDD
21, 27
I
LVDS Power Supply
LVSS
11, 13, 14, 22, 28, 35, 36, 38
I
LVDS Ground
NC
17, 18, 31, 32
No Connection
OUT1N
20
O
Channel 1 Negative LVDS Data Output
OUT1P
19
O
Channel 1 Positive LVDS Data Output
OUT2N
24
O
Channel 2 Negative LVDS Data Output
OUT2P
23
O
Channel 2 Positive LVDS Data Output
OUT3N
26
O
Channel 3 Negative LVDS Data Output
OUT3P
25
O
Channel 3 Positive LVDS Data Output
OUT4N
30
O
Channel 4 Negative LVDS Data Output
OUT4P
29
O
Channel 4 Positive LVDS Data Output
PD
12
I
Power-Down; 0 = Normal, 1 = Power-Down. Weak pull-down to ground.
REFB
52
I/O
Reference Bottom Voltage (2
Ω resistor in series with a capacitor ≥ 0.1µF to ground)
REFT
53
I/O
Reference Top Voltage (2
Ω resistor in series with a capacitor ≥ 0.1µF to ground)
RESET
37
I
Reset to Default; 0 = Reset, 1 = Normal. Weak pull-down to ground.
SCLK
63
I
Serial Data Clock
SDA
62
I
Serial Data Input
VCM
51
O
Common-Mode Output Voltage
12




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADS52778-Channel 10-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52404-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52728-Channel 12-Bit 65MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS78661.2-V 12-/10-/8-BIT 200-KSPS/100-KSPS MICRO-POWER MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS784112-Bit 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
MCP32012.7V 12-Bit A/D Converter with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
MCP32022.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
ADS841316-BIT 2-MSPS LVDS SERIAL INTERFACE SAR ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52708-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl