Moteur de recherche de fiches techniques de composants électroniques |
|
SD60C32P Fiches technique(PDF) 1 Page - AUK corp |
|
SD60C32P Fiches technique(HTML) 1 Page - AUK corp |
1 / 13 page KSI-W015-000 1 SD60C32/P, SD60C52/P CMOS SINGLE-COMPONENT 8-BIT MICROCO MPUTER Description The AUK 60C32/P 60C52/P is a high-performance micro controller fabricated with AUK high-density CMOS technology. The AUK CMOS technology combines the high speed and density characteristics of MOS with the low power attributes of CMOS. The 60C52 contains a 8K×8 ROM, a 256×8 RAM, 32 I/O lines, three 16bit counter/timers, a six sourc two-priority level nested interrupt structure, a serial I/O port for either multi- processor communication, I/O expansion or full duplex UART, and on-chip oscillator and clock circuits. In addition, the device has two software selectable modes of power reduction idle mode and power-down mode. The idle mode freezes the CPU while allowing the RAM, timers, serial port, and interrupt system to continue functioning. The power-down mode saves the RAM contents but freezes the oscillator , causing all other chip function to be inoperative. Features • 8-bit CPU optimized for control applications. • MCS-51 fully compatible instruction set • Pin-to-pin compatible with intel's 80C52/80C32. • ONCETM (ON-circuit emulation) mode • 256 Bytes of on-chip data RAM. • Power control modes • 60C52 low power CPU only. -Idle mode • 32 programmable I/O lines. -Power down mode • Three 16bit timer/counters. • 6 interrupt source • TTL and CMOS compatible logic levels • 64K external program memory space and data memory space. Ordering Information Type NO. Marking Package Code Type NO. Marking Package Code SD60C32 SD60C32 PLCC44 SD60C32P SD60C32 DIP40 SD60C52 SD60C52 PLCC44 SD60C52P SD60C52 DIP40 Outline Dimensions unit : mm S Se em miic co on nd du uc ctto or r 0.695 (17.653) 0.685 (17.399) 0.656 (16.662) 0.650 (16.510) 0.050 (1.270) 0.630 (16.002) 0.590 (14.906) 40 21 1 20 1.22TYP 2.54 1.4 0.1 0.5 0.1 50.7±0.2 ± ± ± PLCC44 DIP40 |
Numéro de pièce similaire - SD60C32P |
|
Description similaire - SD60C32P |