Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST300S08P3 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce ST300S08P3
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

ST300S08P3 Fiches technique(HTML) 1 Page - International Rectifier

  ST300S08P3 Datasheet HTML 1Page - International Rectifier ST300S08P3 Datasheet HTML 2Page - International Rectifier ST300S08P3 Datasheet HTML 3Page - International Rectifier ST300S08P3 Datasheet HTML 4Page - International Rectifier ST300S08P3 Datasheet HTML 5Page - International Rectifier ST300S08P3 Datasheet HTML 6Page - International Rectifier ST300S08P3 Datasheet HTML 7Page - International Rectifier ST300S08P3 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
300A
PHASE CONTROL THYRISTORS
Stud Version
ST300S SERIES
1
Bulletin I25158 rev. B 01/94
www.irf.com
Features
Center amplifying gate
Hermetic metal case with ceramic insulator
International standard case TO-209AE (TO-118)
Threaded studs UNF 3/4 - 16UNF2A or ISO M24x1.5
Compression Bonded Encapsulation for heavy duty
operations such as severe thermal cycling
TypicalApplications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
300
A
@ T
C
75
°C
I
T(RMS)
470
A
I
TSM
@ 50Hz
8000
A
@ 60Hz
8380
A
I2t@ 50Hz
320
KA2s
@ 60Hz
292
KA2s
V
DRM
/V
RRM
400 to 2000
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
ST300S
Units
Major Ratings and Characteristics
case style
TO-209AE (TO-118)


Numéro de pièce similaire - ST300S08P3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST300S VISHAY-ST300S Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300S20P0-PBF VISHAY-ST300S20P0-PBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300SPBF VISHAY-ST300SPBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
More results

Description similaire - ST300S08P3

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com