Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2575-12.0VAT Fiches technique(PDF) 3 Page - TelCom Semiconductor, Inc

No de pièce TC2575-12.0VAT
Description  1.0A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-12.0VAT Fiches technique(HTML) 3 Page - TelCom Semiconductor, Inc

  TC2575-12.0VAT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
ELECTRICAL CHARACTERISTICS: (Unless otherwise specified, VIN = 12V for the 3.3V, 5.0V, and Adjustable
version,VIN = 25V for the 12V version. ILOAD = 200mA. For typical values TJ = 25°C, for min/max values TJ is the operat-
ing junction temperature range that applies (Note 2), unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
TC2575-ALL OUTPUT VOLTAGE VERSIONS
Ib
Feedback Bias Current
VOUT = 5.0V (Adjustable Version Only)
nA
TJ = 25°C
25
100
TJ = –40°C to +125°C
200
fOSC
Oscillator Frequency (Note 3)
TJ = 25°C
52
kHz
TJ = 0 to +125°C47
58
TJ = –40 to +125°C42
63
VSAT
Saturation Voltage
IOUT = 1.0A, (Note 4)
V
TJ = 25°C
1.0
1.2
TJ = –40 to +125°C
1.3
DC
Max Duty Cycle (“on”) [Note 5]
94
98
%
ICL
Current Limit Peak Current
A
(Notes 3 and 4)
TJ = 25°C
1.7
2.3
3.0
TJ = –40 to +125°C
1.4
3.2
IL
Output Leakage Current
mA
(Notes 6 and 7), TJ = 25°C
Output = 0 V
0.8
2.0
Output = – 1.0 V
6.0
20
IQ
Quiescent Current (Note 6)
mA
TJ = 25°C
5.0
9.0
TJ = –40 to +125°C—
11
ISTBY
Standby Quiescent Current,
µA
ON/OFF Pin = 5.0 V (“off”)
TJ = 25°C
80
200
TJ = –40 to +125°C
400
VIH
ON/OFF Pin Logic Input Level
V
(Test Figure 2)
VOUT = 0V
TJ = 25°C
2.2
1.4
TJ = –40 to +125°C
2.4
VIL
Nominal Output Voltage
VOUT = Nominal Output Voltage
V
TJ = 25°C
1.2
1.0
TJ = –40 to +125°C
0.8
IIH
ON/OFF Pin Input Current
µA
(Test Figure 2)
ON/OFF Pin = 5.0V (“off”),
15
30
TJ = 25°C
IIL
ON/OFF Pin Input Current
ON/OFF Pin = 0V (“on”),
0
5.0
µA
TJ = 25°C
NOTES: 3. The oscillator frequency reduces to approximately 18kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin.
5. Feedback (Pin 4) removed from output and connected to 0V.
6. Feedback (Pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5.0V versions, and 25V for the 12V,
to force the output transistor "OFF".
7. VIN = 40 V.


Numéro de pièce similaire - TC2575-12.0VAT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
TC2574-12.0VPA TELCOM-TC2574-12.0VPA Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
TC2574-3.3VPA TELCOM-TC2574-3.3VPA Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results

Description similaire - TC2575-12.0VAT

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com