Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7511-55B Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BUK7511-55B
Description  TRENCHMOS-TM STANDARD LEVEL FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7511-55B Fiches technique(HTML) 2 Page - NXP Semiconductors

  BUK7511-55B Datasheet HTML 1Page - NXP Semiconductors BUK7511-55B Datasheet HTML 2Page - NXP Semiconductors BUK7511-55B Datasheet HTML 3Page - NXP Semiconductors BUK7511-55B Datasheet HTML 4Page - NXP Semiconductors BUK7511-55B Datasheet HTML 5Page - NXP Semiconductors BUK7511-55B Datasheet HTML 6Page - NXP Semiconductors BUK7511-55B Datasheet HTML 7Page - NXP Semiconductors BUK7511-55B Datasheet HTML 8Page - NXP Semiconductors BUK7511-55B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
BUK75/76/7E11-55B
TrenchMOS™ standard level FET
Product data
Rev. 02 — 11 November 2003
2 of 16
9397 750 12053
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
3.
Ordering information
4.
Limiting values
[1]
Current is limited by power dissipation chip rating.
[2]
Continuous current is limited by package.
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BUK7511-55B
TO-220AB
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
BUK7611-55B
D2-PAK
Plastic single-ended surface mounted package (Philips version of D2-PAK);
3 leads (one lead cropped)
SOT404
BUK7E11-55B
I2-PAK
Plastic single-ended package (Philips version of I2-PAK); low-profile 3 lead
TO-220AB
SOT226
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ
-55
V
VGS
gate-source voltage (DC)
-
±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V;
Figure 2 and 3
[1]
-84
A
[2]
-75
A
Tmb = 100 °C; VGS =10V; Figure 2
[1]
-59
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
-
338
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
157
W
Tstg
storage temperature
−55
+175
°C
Tj
junction temperature
−55
+175
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
[1]
-84
A
[2]
-75
A
IDRM
peak reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
338
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source avalanche
energy
unclamped inductive load; ID =75A;
VDS ≤ 55 V; VGS = 10 V; RGS =50 Ω;
starting Tmb =25 °C
-
173
mJ


Numéro de pièce similaire - BUK7511-55B

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUK7511-55B ISC-BUK7511-55B Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7511-55B NEXPERIA-BUK7511-55B Datasheet
330Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 3 - 31 January 2011
logo
NXP Semiconductors
BUK7511-55B PHILIPS-BUK7511-55B_15 Datasheet
215Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 3-31 January 2011
More results

Description similaire - BUK7511-55B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHX8NQ11T PHILIPS-PHX8NQ11T Datasheet
90Kb / 12P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-14 May 2004
PHP176NQ04T PHILIPS-PHP176NQ04T Datasheet
91Kb / 13P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-10 May 2004
BUK7508-40B PHILIPS-BUK7508-40B Datasheet
272Kb / 15P
   TRENCHMOS-TM STANDARD LEVELl FET
Rev. 01-08 April 2003
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com