Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100ES6220TB Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MC100ES6220TB
Description  Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6220TB Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC100ES6220TB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 10Page - Freescale Semiconductor, Inc MC100ES6220TB Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
7
MC100ES6220
APPLICATIONS INFORMATION
Using the Thermally Enhanced Package of the
MC100ES6220
The MC100ES6220 uses a thermally enhanced exposed
pad (EP) 52 lead LQFP package. The package is molded so
that the lead frame is exposed at the surface of the package
bottom side. The exposed metal pad will provide the low
thermal impedance that supports the power consumption of
the MC100ES6220 high-speed bipolar integrated circuit and
eases the power management task for the system design. A
thermal land pattern on the printed circuit board and thermal
vias are recommended in order to take advantage of the
enhanced thermal capabilities of the MC100ES6220. Direct
soldering of the exposed pad to the thermal land will provide
an efficient thermal path. In multilayer board designs, thermal
vias thermally connect the exposed pad to internal copper
planes. Number of vias, spacing, via diameters and land
pattern design depend on the application and the amount of
heat to be removed from the package. A nine thermal via
array, arranged in a 3 x 3 array and using a 1.2 mm pitch in
the center of the thermal land is a requirement for
MC100ES6220 applications on multi-layer boards. The
recommended thermal land design comprises a 3 x 3 thermal
via array as shown in Figure 6, providing an efficient heat
removal path.
Figure 6. Recommended thermal land pattern
The via diameter is should be approx. 0.3 mm with 1 oz.
copper via barrel plating. Solder wicking inside the via
resulting in voids during the solder process must be avoided.
If the copper plating does not plug the vias, stencil print solder
paste onto the printed circuit pad. This will supply enough
solder paste to fill those vias and not starve the solder joints.
The attachment process for exposed pad package is
equivalent to standard surface mount packages. Figure 7
shows a recommend solder mask opening with respect to the
recommended 3 x 3 thermal via array. Because a large solder
mask opening may result in a poor release, the opening
should be subdivided as shown in Figure 7. For the nominal
package standoff 0.1 mm, a stencil thickness of 5 to 8 mils
should be considered.
Figure 7. Recommended Solder Mask Openings
For thermal system analysis and junction temperature
calculation the thermal resistance parameters of the package
is provided:
It is recommended that users employ thermal modeling
analysis to assist in applying the general recommendations
to their particular application. The exposed pad of the
MC100ES6220 package does not have an electrical low
impedance path to the substrate of the integrated circuit and
its terminals. The thermal land should be connected to GND
through connection of internal board layers.
4.8
Thermal via array (3x3),
1.2 mm pitch,
0.3 mm diameter
Exposed pad
land pattern
all units mm
Table 8. Thermal Resistance(1)
1. Applicable for a 3 x 3 thermal via array.
ConvectionL
FPM
RTHJA(2)
°C/W
2. Junction to ambient, four conductor layer test board (2S2P),
per JES51-7 and JESD 51-5.
RTHJA(3)
°C/W
3. Junction to ambient, single layer test board, per JESD51-3.
RTHJC
°C/W
RTHJB(4)
°C/W
4. Junction to board, four conductor layer test board (2S2P) per
JESD 51-8.
Natural
20
48
4(5)
29(6)
5. Junction to exposed pad.
6. Junction to top of package.
16
100
18
47
200
17
46
400
16
43
800
15
41
Exposed pad land
pattern
4.8
Thermal via array (3x3),
1.2 mm pitch,
0.3 mm diameter
1.0
0.2
all units mm


Numéro de pièce similaire - MC100ES6220TB

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6221AE FREESCALE-MC100ES6221AE Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
MC100ES6221TB FREESCALE-MC100ES6221TB Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results

Description similaire - MC100ES6220TB

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com