Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100ES6220 Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc

No de pièce MC100ES6220
Description  Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6220 Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc

  MC100ES6220 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
5
MC100ES6220
Figure 3. MC100ES6220 AC Test Reference
Figure 4. MC100ES6220 AC Reference Measurement Waveform
Table 6. AC Characteristics (ECL: VEE = –3.3 V ± 5% or VEE = –2.5 V ± 5%, VCC = GND) or
(PECL: VCC = 3.3 V ± 5% or VCC = 2.5 V ± 5%, VEE = GND, TJ = 0°C to +110°C)(1)
1. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock Input Pair CLKA, CLKA, CLKB, CLKB (PECL or ECL differential signals)
VPP
Differential Input Voltage(2) (peak-to-peak)
2. VPP (AC) is the minimum differential ECL/PECL input voltage swing required to maintain AC characteristics including tPD and
device-to-device skew.
0.3
1.3
V
VCMR
Differential Input Crosspoint Voltage(3)
PECL
ECL
3. VCMR (AC) is the crosspoint of the differential ECL/PECL input signal. Normal AC operation is obtained when the crosspoint is within the
VCMR (AC) range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device
propagation delay, device and part-to-part skew.
1.1
VEE + 1.1
VCC – 0.3
–0.3
V
V
fCLK
Input Frequency
0
1000
MHz
Differential
PECL/ECL Clock Outputs (QA0-A9, QA0-A9, QB0-B9, QB0-B9)
tPD
Propagation Delay CLKx to Qx0-9
285
550
ps
Differential
VO(P-P)
Differential Output Voltage (peak-to-peak)
400
600
mV
tsk(O)
Output-to-Output Skew
60
130
ps
Differential
tsk(PP)
Output-to-Output Skew (part-to-part)
200
ps
Differential
tJIT(CC)
Output Cycle-to-Cycle Jitter
RMS (1
σ)1
ps
tSK(P)
DCO
Output Pulse Skew(4)
Output Duty Cycle
fREF < 0.1 GHz
fREF < 1.0 GHz
4. Output pulse skew is the absolute difference of the propagation delay times: | tpLH – tpHL |.
49.65
46.5
50
50
35
50.35
53.5
ps
%
%
DCREF = 50%
DCREF = 50%
tr, tf
Output Rise/Fall Time
50
350
ps
20% to 80%
Differential Pulse
Generator
Z = 50
RT = 50 Ω
Z = 50
DUT
MC100ES6220
VTT
RT = 50 Ω
Z = 50
VTT
tPD (CLKN to QX)
VCMR = VCC – 1.3 V
VPP = 0.8 V
CLKN
CLKN
QX
QX


Numéro de pièce similaire - MC100ES6220

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6221AE FREESCALE-MC100ES6221AE Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
MC100ES6221TB FREESCALE-MC100ES6221TB Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results

Description similaire - MC100ES6220

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com